Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 30Page - Texas Instruments TMS320VC5510 Datasheet HTML 31Page - Texas Instruments TMS320VC5510 Datasheet HTML 32Page - Texas Instruments TMS320VC5510 Datasheet HTML 33Page - Texas Instruments TMS320VC5510 Datasheet HTML 34Page - Texas Instruments TMS320VC5510 Datasheet HTML 35Page - Texas Instruments TMS320VC5510 Datasheet HTML 36Page - Texas Instruments TMS320VC5510 Datasheet HTML 37Page - Texas Instruments TMS320VC5510 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Functional Overview
34
June 2000 − Revised July 2004
SPRS076J
3.4
Peripheral Register Description
Peripheral registers on the 5510 are accessed using the port qualifier. For more information on the use of the
port qualifier, see the TMS320C55x Assembly Language Tools User’s Guide (literature number SPRU280).
For detailed information on the operation of the peripherals and the functions of each of the peripheral
registers,
refer
to
the
TMS320C55x
DSP
Peripherals
Overview
Reference
Guide
(literature
number SPRU317).
NOTE: The CPU access latency to the peripheral memory-mapped registers is 6 CPU cycles.
Following peripheral register update(s), the CPU must wait at least 6 CPU cycles before
attempting to use that peripheral. When more than one peripheral register is updated in a
sequence, the CPU only needs to wait following the final register write. For example, if the
EMIF is being reconfigured, the CPU must wait until the very last EMIF register update takes
effect before trying to access the external memory. The users should consult the respective
peripheral user’s guide to determine if a peripheral requires additional time to initialize itself
to the new configuration after the register updates take effect.
Table 3−10. Peripheral Bus Controller Configuration Registers
PORT ADDRESS
REGISTER NAME
DESCRIPTION
0x0001
ICR
Idle Control Register
0x0002
ISTR
Idle Status Register
0x000F
BOOT_MOD
Boot Mode Register (read only)
Table 3−11. Instruction Cache Registers
PORT ADDRESS
REGISTER NAME
DESCRIPTION
0x1400
ICGC
I-Cache Global Control Register
0x1401
ICFL0
I-Cache Flush Line Address Register 0
0x1402
ICFL1
I-Cache Flush Line Address Register 1
0x1403
ICWC
I-Cache N-Way Control Register
0x1404
ICSTAT
I-Cache Status Register
0x1405
ICRC1
I-Cache Ramset 1 Control Register
0x1406
ICRTAG1
I-Cache Ramset 1 Tag Register
0x1407
ICRC2
I-Cache Ramset 2 Control Register
0x1408
ICRTAG2
I-Cache Ramset 2 Tag Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com