Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 74Page - Texas Instruments TMS320VC5510 Datasheet HTML 75Page - Texas Instruments TMS320VC5510 Datasheet HTML 76Page - Texas Instruments TMS320VC5510 Datasheet HTML 77Page - Texas Instruments TMS320VC5510 Datasheet HTML 78Page - Texas Instruments TMS320VC5510 Datasheet HTML 79Page - Texas Instruments TMS320VC5510 Datasheet HTML 80Page - Texas Instruments TMS320VC5510 Datasheet HTML 81Page - Texas Instruments TMS320VC5510 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
Electrical Specifications
78
June 2000 − Revised July 2004
SPRS076J
Table 5−31. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 1)†‡
NO.
VC5510-160
VC5510-200
UNIT
NO.
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
M49
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
4
3 − 6P
ns
M50
th(CKXH-DRV)
Hold time, DR valid after CLKX high
1
1 + 6P
ns
M51
tsu(FXL-CKXL)
Setup time, FSX low before CLKX low
10
ns
M52
tc(CKX)
Cycle time, CLKX
2P
16P
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
Table 5−32. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 1)†‡
NO.
PARAMETER
VC5510-160
VC5510-200
UNIT
NO.
PARAMETER
MASTER§
SLAVE
UNIT
MIN
MAX
MIN
MAX
M43
td(CKXH-FXL)
Delay time, FSX low to CLKX high
T − 1
T + 3
ns
M44
td(FXL-CKXL)
Delay time, FSX low to CLKX low#
D − 2
D + 2
ns
M45
td(CKXL-DXV)
Delay time, CLKX low to DX valid
−2
4
3P + 2
5P + 8
ns
M46
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX high
D − 2
D
ns
M47
tdis(FXH-DXHZ)
Disable time, DX high impedance following last data bit from
FSX high
3P + 8
3P + 20
ns
M48
td(FXL-DXV)
Delay time, FSX low to DX valid
3P − 3
3P + 20
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
§ T = CLKX period = (1 + CLKGDV) * P
D = CLKX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * P when CLKGDV is even
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
# FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).
M51
M50
M47
M46
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
CLKX
FSX
DX
DR
M44
M48
M45
M49
M43
LSB
MSB
M52
Figure 5−26. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com