Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 20Page - Texas Instruments TMS320VC5510 Datasheet HTML 21Page - Texas Instruments TMS320VC5510 Datasheet HTML 22Page - Texas Instruments TMS320VC5510 Datasheet HTML 23Page - Texas Instruments TMS320VC5510 Datasheet HTML 24Page - Texas Instruments TMS320VC5510 Datasheet HTML 25Page - Texas Instruments TMS320VC5510 Datasheet HTML 26Page - Texas Instruments TMS320VC5510 Datasheet HTML 27Page - Texas Instruments TMS320VC5510 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Functional Overview
24
June 2000 − Revised July 2004
SPRS076J
3.1.3 On-Chip ROM
The ROM is located at the byte address range FF8000h−FFFFFFh when MPNMC = 0 at reset. The ROM is
composed of a single block of 32K bytes. When MPNMC = 1 at reset, the on-chip ROM is disabled and not
present in the memory map, and byte address range FF8000h−FFFFFFh is directed to external memory
space. MPNMC is a bit located in the ST3 status register, and its status is determined by the logic level on
the BOOTM[2:0] pins when sampled at reset. If BOOTM[2:0] are all logic 0 at reset, the MPNMC bit is set to 1
and the on-chip ROM is disabled; otherwise, the MPNMC bit is cleared to 0 and the on-chip ROM is enabled.
These pins are not sampled again until the next hardware reset. The software reset instruction does not affect
the MPNMC bit. Software can also be used to set or clear the MPNMC bit. ROM can be accessed by the
program, data, or DMA buses. The first 16-bit word access to ROM requires three cycles. Subsequent
accesses require two cycles per 16-bit word.
The standard on-chip ROM contains a bootloader which provides a variety of methods to load application code
automatically after power up or a hardware reset. For more information, see Section 3.1.5 of this document.
The vector table associated with the bootloader is also contained in the ROM.
A sine look-up table is provided containing 256 values (crossing 360 degrees) expressed in Q15 format.
The remaining components are used during factory testing purposes.
Table 3−3. Standard On-Chip ROM Contents
BYTE ADDRESS RANGE
DESCRIPTION
FF8000h − FF8FFFh
Bootloader
FF9000h − FFF9FFh
Reserved
FFFA00h − FFFBFFh
Sine look-up table
FFFC00h − FFFEFFh
Factory Test Code
FFFF00h − FFFFFBh
Vector Table
FFFFFCh − FFFFFFh
ID Code
3.1.4 Instruction Cache
The 24K-byte instruction cache provides three configurations:
•
One 2-way cache block only
•
One 2-way cache block plus one RAMSET block
•
One 2-way cache block plus two RAMSET blocks
The 2-way cache uses 2-way set associative mapping and holds up to 16K bytes. It is organized as 512 sets
of two cache lines per set. Each cache line contains 16 bytes. Each tag has two corresponding cache lines,
providing two opportunities for a hit on a given tag. The 2-way cache is updated based on a least-recently-used
algorithm.
Each RAMSET block provides a 4K-byte bank of memory to hold a continuous image of code. Each RAMSET
is composed of 256 lines with 16 bytes per line. Each RAMSET uses a single tag to define a continuous
memory image in the RAMSET. The tag defines the start address of the RAMSET. Once the TAG is loaded,
the RAMSET is filled. The RAMSET contents remain constant until the tag is changed. The RAMSETs provide
an efficient method to cache frequently used functions.
Control bits in CPU status register ST3_55 provide the ability to enable, freeze, and flush the cache.
For more information on the instruction cache, see the TMS320VC5510 DSP Instruction Cache Reference
Guide (literature number SPRU576).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com