Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 25Page - Texas Instruments TMS320VC5510 Datasheet HTML 26Page - Texas Instruments TMS320VC5510 Datasheet HTML 27Page - Texas Instruments TMS320VC5510 Datasheet HTML 28Page - Texas Instruments TMS320VC5510 Datasheet HTML 29Page - Texas Instruments TMS320VC5510 Datasheet HTML 30Page - Texas Instruments TMS320VC5510 Datasheet HTML 31Page - Texas Instruments TMS320VC5510 Datasheet HTML 32Page - Texas Instruments TMS320VC5510 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Functional Overview
29
June 2000 − Revised July 2004
SPRS076J
3.2.3 Enhanced Host Port Interface (EHPI)
The 5510 EHPI provides a 16-bit parallel interface to a host with the following features:
20-bit host address bus
16-bit host data bus
Multiplexed and non-multiplexed bus modes
Host access to on-chip SARAM, on-chip DARAM, and external memory
20-bit address register (in multiplexed mode) with autoincrement capability for faster transfers
Multiple address/data strobes provide a glueless interface to a variety of hosts
HRDY signal for handshaking with host
The 5510 EHPI can access internal DARAM, internal SARAM and a portion of the external memory space.
The EHPI cannot directly access the on-chip peripherals and cannot access the memory-mapped registers
below word address 000060h in DARAM. Note that all memory accesses made though the EHPI are
word-addressed. A map of the memory space accessible by the EHPI is shown in Figure 3−4. The EHPI can
access from word address 000060h to 0FFFFFh. The shaded areas of the memory map are not accessible
by the EHPI.
000000h
000060h
008000h
028000h
100000h
200000h
400000h
Memory Blocks
Memory Mapped
Registers (DARAM)
DARAM
External − CE0
Word Address
600000h
SARAM
External − CE0
External − CE1
External − CE2
External − CE3
Memory Accessible
Through the EHPI
NOTE A: The shaded areas of the memory map are not accessible by the EHPI.
Figure 3−4. EHPI Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com