Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 28Page - Texas Instruments TMS320VC5510 Datasheet HTML 29Page - Texas Instruments TMS320VC5510 Datasheet HTML 30Page - Texas Instruments TMS320VC5510 Datasheet HTML 31Page - Texas Instruments TMS320VC5510 Datasheet HTML 32Page - Texas Instruments TMS320VC5510 Datasheet HTML 33Page - Texas Instruments TMS320VC5510 Datasheet HTML 34Page - Texas Instruments TMS320VC5510 Datasheet HTML 35Page - Texas Instruments TMS320VC5510 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
Functional Overview
32
June 2000 − Revised July 2004
SPRS076J
3.3
CPU Register Description
The 5510 CPU registers are shown in Table 3−9. For code compatibility, many TMS320C55x (C55x) CPU
registers map to comparable TMS320C54x
 (C54x) CPU register addresses. The corresponding
TMS320C54x (C54x) CPU registers are indicated in these instances.
Table 3−9. CPU Registers
C54X
REGISTER
VC5510
REGISTER
WORD ADDRESS
(HEX)
DESCRIPTION
IMR
IER0
00
Interrupt Mask Register 0
IFR
IFR0
01
Interrupt Flag Register 0
−
ST0_55
02
Status Register 0 for C55x
−
ST1_55
03
Status Register 1 for C55x
−
ST3_55
04
Status Register 3 for C55x
−
−
05
Reserved
ST0
ST0
06
Status Register ST0 (for 54x compatibility)
ST1
ST1
07
Status Register ST1 (for 54x compatibility)
AL
AC0L
08
AH
AC0H
09
Accumulator 0 (equivalent to Accumulator A on C54x)
AG
AC0G
0A
Accumulator 0 (equivalent to Accumulator A on C54x)
BL
AC1L
0B
BH
AC1H
0C
Accumulator 1 (equivalent to Accumulator A on C54x)
BG
AC1G
0D
Accumulator 1 (equivalent to Accumulator A on C54x)
TREG
T3
0E
Temporary Register
TRN
TRN0
0F
Transition Register
AR0
AR0
10
Auxiliary Register 0
AR1
AR1
11
Auxiliary Register 1
AR2
AR2
12
Auxiliary Register 2
AR3
AR3
13
Auxiliary Register 3
AR4
AR4
14
Auxiliary Register 4
AR5
AR5
15
Auxiliary Register 5
AR6
AR6
16
Auxiliary Register 6
AR7
AR7
17
Auxiliary Register 7
SP
SP
18
Stack Pointer Register
BK
BK03
19
Circular Buffer Size Register
BRC
BRC0
1A
Block Repeat Counter
RSA
RSA0L
1B
Block Repeat Start Address
REA
REA0L
1C
Block Repeat End Address
PMST
PMST
1D
Processor Mode Status Register
XPC
XPC
1E
Program Counter Extension Register
−
−
1F
Reserved
−
T0
20
Temporary Data Register 0
−
T1
21
Temporary Data Register 1
−
T2
22
Temporary Data Register 2
−
T3
23
Temporary Data Register 3
TMS320C54x and C54x are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com