Electronic Components Datasheet Search
  English  ▼

X  

TPS65010 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65010 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65010 Datasheet HTML 1Page - Texas Instruments TPS65010 Datasheet HTML 2Page - Texas Instruments TPS65010 Datasheet HTML 3Page - Texas Instruments TPS65010 Datasheet HTML 4Page - Texas Instruments TPS65010 Datasheet HTML 5Page - Texas Instruments TPS65010 Datasheet HTML 6Page - Texas Instruments TPS65010 Datasheet HTML 7Page - Texas Instruments TPS65010 Datasheet HTML 8Page - Texas Instruments TPS65010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
www.ti.com
TPS65010
SLVS149A – JUNE 2003 – REVISED JANUARY 2004
ELECTRICAL CHARACTERISTICS (continued)
V
I(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0
°C < T
A < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay after t(glitch) (PWRFAIL goes low)
t(batt_cover)
before supplies are disabled when
1.68
2.4
3.2
ms
BATT_COVER goes low.
CONTROL SIGNALS: MPU_RESET, PWRFAIL, RESPWRON, INT, SDAT (output)
VOH
High level output voltage
6
V
VOL
Low level output voltage
IIL = 10 mA
0
0.3
V
td(mpu_nreset)
Duration of low pulse at MPU_RESET
100
µs
td(nrespwron)
Duration of low pulse at RESPWRON after
CHGCONFIG<7> = 0(Default)
800
1000
1200
ms
VLDO1 is in regulation
CHGCONFIG<7> = 1
49
69
89
Time between UVLO going active
td(uvlo)
(PWRFAIL going low) and supplies being
1.68
2.4
3.2
ms
disabled
Time between chip overtemperature con-
td(overtemp)
dition being recognized (PWRFAIL going
1.68
2.4
3.2
ms
low) and supplies being disabled
SUPPLY PIN: VCC
I(Q)
Operating quiescent current
VI = 3.6 V, current into Main + Core + VCC
58
µA
VI = 3.6 V, BATT_COVER = GND,
IO(SD)
Shutdown supply current
15
25
µA
Current into Main + Core + VCC
VMAIN STEP-DOWN CONVERTER
VI
Input voltage range
2.5
6.0
V
IO
Maximum output current
1000
mA
IO(SD)
Shutdown supply current
BATT_COVER = GND
0.1
1
µA
rDS(on)
P-channel MOSFET on-resistance
VI(MAIN) = VGS = 3.6 V
110
210
m
Ω
Ilkg(p)
P-channel leakage current
V(DS) = 6.0 V
1
µA
rDS(on)
N-channel MOSFET on-resistance
VI(MAIN) = VGS = 3.6 V
110
200
m
Ω
Ilkg(N)
N-channel leakage current
V(DS) = 6.0 V
1
µA
IL
P-channel current limit
2.5 V< VI(MAIN) < 6.0 V
1.4
1.75
2.1
A
fS
Oscillator frequency
1
1.25
1.5
MHz
VI(MAIN) = 2.7 V to 6.0 V; IO= 0 mA
0%
3%
2.5 V
VI(MAIN) = 2.7 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 1000 mA
VI(MAIN) = 2.95 V to 6.0 V; IO= 0 mA
0%
3%
2.75 V
VI(MAIN) = 2.95 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 1000 mA
VO(MAIN)
Fixed output voltage
VI(MAIN) = 3.2 V to 6.0 V; IO= 0 mA
0%
3%
3.0 V
VI(MAIN) = 3.2 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 1000 mA
VI(MAIN) = 3.5 V to 6.0 V; IO= 0 mA
0%
3%
3.3 V
VI(MAIN) = 3.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 1000 mA
VI(MAIN) = VO(MAIN) + 0.5 V (min. 2.5 V) to
Line regulation
0.5
%/V
6.0 V, IO = 10 mA
Load regulation
IO = 10 mA to 1000 mA
0.12
%/A
R(VMAIN)
VMAIN discharge resistance
400
Ω
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com