Electronic Components Datasheet Search
  English  ▼

X  

TPS65010 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65010 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS65010 Datasheet HTML 30Page - Texas Instruments TPS65010 Datasheet HTML 31Page - Texas Instruments TPS65010 Datasheet HTML 32Page - Texas Instruments TPS65010 Datasheet HTML 33Page - Texas Instruments TPS65010 Datasheet HTML 34Page - Texas Instruments TPS65010 Datasheet HTML 35Page - Texas Instruments TPS65010 Datasheet HTML 36Page - Texas Instruments TPS65010 Datasheet HTML 37Page - Texas Instruments TPS65010 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
www.ti.com
VCORE
VMAIN
VLDO1
VLDO2
95% VCORE
95% VLDO2
HOT_RESET
HOT_RESET
DEGLITCH
INT
MPU_RESET
tGLITCH
t(MPU_RESET)
SYSTEM RESET AND CONTROL SIGNALS
TPS65010
SLVS149A – JUNE 2003 – REVISED JANUARY 2004
Figure 37. State 3 to State 2 Transition (HOT_RESET Activated, See Interrupt Management Section for INT
Behavior)
The RESPWRON signal is used as a global reset for the application. It is an open drain output. The
RESPWRON signal is generated according to the Power Good comparator linked to VLDO1 and remains low for
tn(RESPWRON) sec after VLDO1 has stabilized. When RESPWRON is low, PWRFAIL, MPU_RESET and INT are
also held low.
If the output voltage of LDO1 is less than 90% of its nominal value, as RESPWRON is generated, and if the
output voltage of LDO1 is programmed to a higher value, which causes the output voltage to fall out of the 90%
window, then a RESPWRON signal is generated.
The PWRFAIL signal indicates when VCC < UVLO or when the TPS65010 junction temperature has exceeded a
reliable value or if BATT_COVER is taken low. This open drain output can be connected at a fast interrupt pin for
immediate attention by the application processor. All supplies are disabled t(uvlo), t(overtemp) or t(batt_cover) sec after
PWRFAIL has gone low, giving time for the application processor to shutdown cleanly.
BATT_COVER is used to detect whether the battery cover is in place or not. If the battery cover is removed, the
TPS65010 generates a warning to the processor that the battery is likely to be removed and that it may be
prudent to shut down the system. If not required, this feature may be disabled by connecting the BATT_COVER
pin to the VCC pin. BATT_COVER is de-bounced internally. Typical de-bounce time is 56 ms. BATT_COVER
has an internal 2-M
Ω pull down.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com