Electronic Components Datasheet Search
  English  ▼

X  

TPS65010 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65010 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65010 Datasheet HTML 35Page - Texas Instruments TPS65010 Datasheet HTML 36Page - Texas Instruments TPS65010 Datasheet HTML 37Page - Texas Instruments TPS65010 Datasheet HTML 38Page - Texas Instruments TPS65010 Datasheet HTML 39Page - Texas Instruments TPS65010 Datasheet HTML 40Page - Texas Instruments TPS65010 Datasheet HTML 41Page - Texas Instruments TPS65010 Datasheet HTML 42Page - Texas Instruments TPS65010 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
www.ti.com
CHGSTATUS Register (Address: 01h—Default Value: 00h)
TPS65010
SLVS149A – JUNE 2003 – REVISED JANUARY 2004
CHGSTATUS
B7
B6
B5
B4
B3
B2
B1
B0
Name
USB charge
AC charge
Thermal
Term Current
Taper
Chg Timeout
Prechg
BattTemp
Suspend
Timeout
Timeout
error
Default
0
0
0
0
0
0
0
0
Read/write
R
R
R
R
R/W
R/W
R/W
R
The CHGSTATUS register contents indicate the status of charge.
Bit 7 - USB charge:
•
0 = inactive.
•
1 = USB source is present and in the range valid for charging. B7 remains active as long as the charge
source is present.
Bit 6 - AC charge:
•
0 = wall plug source is not present and/or not in the range valid for charging.
•
1 = wall plug source is present and in the range valid for charging. B6 remains active as long as the charge
source is present.
Bit 5 - Thermal suspend:
•
0 = charging is allowed
•
1 = charging is momentarily suspended due to excessive power dissipation on chip.
Bit 4 - Term current:
•
0 = charging, charge termination current threshold has not been crossed.
•
1 = charge termination current threshold has been crossed and charging has been stopped. It can be due to
a battery reaching full capacity, or it can be due to a battery removal condition.
Bit 3 - 1 Prechg Timeout, Chg Timeout, Taper Timeout:
•
0 = charging
•
1 = one of the timers has timed out and charging has been terminated.
Bit 0 - BattTemp error: Battery temperature error
•
0 = battery temperature is inside the allowed range and that charging is allowed.
•
1 = battery temperature is outside of the allowed range and that charging is suspended.
B1-4 may be reset via the serial interface in order to force a reset of the charger. Any attempt to write to B0 and
B5-7 is ignored. A 1 in B<7:0> sets the INT pin active unless the corresponding bit in the MASK register is set.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com