Electronic Components Datasheet Search
  English  ▼

X  

TPS65010 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65010 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS65010 Datasheet HTML 42Page - Texas Instruments TPS65010 Datasheet HTML 43Page - Texas Instruments TPS65010 Datasheet HTML 44Page - Texas Instruments TPS65010 Datasheet HTML 45Page - Texas Instruments TPS65010 Datasheet HTML 46Page - Texas Instruments TPS65010 Datasheet HTML 47Page - Texas Instruments TPS65010 Datasheet HTML 48Page - Texas Instruments TPS65010 Datasheet HTML 49Page - Texas Instruments TPS65010 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
www.ti.com
MASK3 Register (Address: 0Fh—Default Value: 00h)
DEFGPIO Register Address: (10h—Default Value: 00h)
TPS65010
SLVS149A – JUNE 2003 – REVISED JANUARY 2004
MASK3
B7
B6
B5
B4
B3
B2
B1
B0
Edge trigger
Edge trigger
Edge trigger
Edge trigger
Bit name
Mask GPIO4
Mask GPIO3
Mask GPIO2
Mask GPIO1
GPIO4
GPIO3
GPIO2
GPIO1
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The MASK3 register must be considered when any of the GPIO pins are programmed as inputs.
Bit 7-Bit 4 - Edge trigger GPIO<4:1>: determine whether the respective GPIO generates an interrupt at a rising or
a falling edge.
•
0 = falling edge triggered.
•
1 = rising edge triggered.
Bit 3-Bit 0 - Mask GPIO<4:1>: can be used to mask the corresponding interrupt. Default is unmasked
(MASK3<0:3> =0).
DEFGPIO
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
IO4
IO3
IO2
IO1
Value GPIO4
Value GPIO3
Value GPIO2
Value GPIO1
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The DEFGPIO register is used to define the GPIO pins to be either input or output.
Bit 7-Bit 4 - IO<4:1>:
•
0 = sets the corresponding GPIO to be an input.
•
1 = sets the corresponding GPIO to be an output.
Bit 3-Bit 0 - Value GPIO<4:1>: If a GPIO is programmed to be an output, then the signal output is determined by
the corresponding bit. The output circuit for each GPIO is an open drain NMOS requiring an external pullup
resistor.
•
1 = activates the relevant NMOS, hence forcing a logic low signal at the GPIO pin.
•
0 = turns the open drain transistor OFF, hence the voltage at the GPIO pin is determined by the voltage to
which the pullup resistor is connected.
If a particular GPIO is programmed to be an input, then the contents of the relevant bit in B3-0 is defined by the
logic level at the GPIO pin. A logic low forces a 0 and a logic high forces a 1. If a GPIO is programmed to be an
input, then any attempt to write to the relevant bit in B3-0 is ignored.
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com