Electronic Components Datasheet Search
  English  ▼

X  

RP20-FW Datasheet(PDF) 1 Page - Recom International Power

Part # RP20-FW
Description  20 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-FW Datasheet(HTML) 1 Page - Recom International Power

  RP20-FW Datasheet HTML 1Page - Recom International Power RP20-FW Datasheet HTML 2Page - Recom International Power RP20-FW Datasheet HTML 3Page - Recom International Power RP20-FW Datasheet HTML 4Page - Recom International Power RP20-FW Datasheet HTML 5Page - Recom International Power RP20-FW Datasheet HTML 6Page - Recom International Power RP20-FW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Regulated
Converters
• 4:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 89%
• Six-Sided Continuous Shield
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP20-FW series wide range input DC/DC converters are certified to UL 60950-1 and to cUL 60950-
1. This makes them ideal for all telecom and industrial applications where approved safety standards
are required. The industry standard 2” x 1” package meets military standards for thermal shock and
vibration tolerance.
E196683
20 Watt
2“ x 1“
Single & Dual
Output
RP20-FW
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP20-243.3SFW(3,4)
9-36
3.3
5500
890
85
18000
RP20-2405SFW(3,4)
9-36
5
4000
947
88
9600
RP20-2412SFW(3,4)
9-36
12
1670
971
86
1650
RP20-2415SFW(3,4)
9-36
15
1330
967
86
1050
RP20-483.3SFW(3,4)
18-75
3.3
5500
445
85
18000
RP20-4805SFW(3,4)
18-75
5
4000
473
88
9600
RP20-4812SFW(3,4)
18-75
12
1670
480
87
1650
RP20-4815SFW(3,4)
18-75
15
1330
478
87
1050
RP20-2405DFW(3,4)
9-36
±5
±2000
947
88
±4800
RP20-2412DFW(3,4)
9-36
±12
±833
957
87
±825
RP20-2415DFW(3,4)
9-36
±15
±667
958
87
±525
RP20-4805DFW(3,4)
18-75
±5
±2000
468
89
±4800
RP20-4812DFW(3,4)
18-75
±12
±833
473
88
±825
RP20-4815DFW(3,4)
18-75
±15
±667
474
88
±525
UL60950-1 Certified
Model Numbering
Ordering Examples
RP20-2405SFW = 24V 4:1 Input, 5V Output, Positive Logic CTRL pin fitted
RP20-4812DFW/N-HC = 48V 4:1 Input, ±12V Output, Negative Logic CTRL pin fitted, Heat-sink fitted
Input Voltage
Output Voltage
Single or Dual
RP20-__ __ _FW/_ _
Package(4)
Control Logic(3)
Notes:
Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF), and trim pin
add “N” for CTRL function with Negative Logic (0=ON, 1=OFF), and trim pin
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP20-FW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
20 Watt Single & Dual Output
RP20-FR RECOM-RP20-FR Datasheet
496Kb / 8P
DC/DC Converter
More results

Similar Description - RP20-FW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
20 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
20 Watt Single & Dual Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
20 Watt Single and Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
20 Watt Single/Dual & Triple Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
20 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com