Electronic Components Datasheet Search
  English  ▼

X  

RP20-FW Datasheet(PDF) 3 Page - Recom International Power

Part # RP20-FW
Description  20 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-FW Datasheet(HTML) 3 Page - Recom International Power

  RP20-FW Datasheet HTML 1Page - Recom International Power RP20-FW Datasheet HTML 2Page - Recom International Power RP20-FW Datasheet HTML 3Page - Recom International Power RP20-FW Datasheet HTML 4Page - Recom International Power RP20-FW Datasheet HTML 5Page - Recom International Power RP20-FW Datasheet HTML 6Page - Recom International Power RP20-FW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1.0%
Voltage Adjustability
Single
±10%
Line Voltage Regulation
low line to high line at
full load
Single
Dual
±0.2%
±0.5%
Load Voltage Regulation
no load to full load
Single
Dual
±0.5%
±1.0%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
250µs
continued on next page
RP20-FW
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Input Voltage
18Vin
48Vin
75Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
80
85
20
40
60
80
100
30
50
70
90
90
95
Input Voltage [VDC]
18
78
80
82
84
86
90
30
36
48
60
75
24
42
54
66
88
RP20-4805SFW
External Output Trimming
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Volts
R
U =
57.93
26.16
15.58
10.28
7.11
4.99
3.48
2.34
1.46
0.75
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Volts
R
D =
69.47
31.23
18.49
12.12
8.29
5.74
3.92
2.56
1.50
0.65
KOhms
RP20-xx3.3SF
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external
trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for chosing these
trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to work out the resis tor
required or use a variable resistor to set the output voltage. Output can be externally trimmed by using the method shown below.
RU
5
4
RD
4
3
Trim up
Trim down



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com