Electronic Components Datasheet Search
  English  ▼

X  

RP20-FW Datasheet(PDF) 6 Page - Recom International Power

Part # RP20-FW
Description  20 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-FW Datasheet(HTML) 6 Page - Recom International Power

  RP20-FW Datasheet HTML 1Page - Recom International Power RP20-FW Datasheet HTML 2Page - Recom International Power RP20-FW Datasheet HTML 3Page - Recom International Power RP20-FW Datasheet HTML 4Page - Recom International Power RP20-FW Datasheet HTML 5Page - Recom International Power RP20-FW Datasheet HTML 6Page - Recom International Power RP20-FW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FW
Series
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
EMI Filtering Class A
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
EMI Filtering Class B
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel coated copper
FR4 PCB
Epoxy (UL94-V0)
Package Dimensions (LxWxH)
without Heat-sink
with Heat-sink
50.8 x 25.4 x 10.2mm
56.8 x 25.4 x 16.8mm
Package Weight
without Heat-sink
with Heat-sink
27g
37.89g
continued on next page
MODEL
C1
C2
C3
RP20-24xxSFW
RP20-24xxDFW
N/A
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
RP20-48xxSFW
RP20-48xxDFW
1µF/100V
1210 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
MODEL
C1
C2
C3/C4
L1
RP20-24xxSF
RP20-24xxDF
4.7µF/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
CMC: 450µH
ref.: WE 7448227005
ref.: CMC-05
RP20-48xxSF
RP20-48xxDF
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 325µH
ref: WE 744290321
ref.: CMC-06
Notes:
Note10: The standard modues meet EMI Class A or Class B with external components, see filter suggestions below.
Note11: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter
capacitor Recom suggests: Nippon chemi-con KY series, 220µF/100V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com