Electronic Components Datasheet Search
  English  ▼

X  

RP20-FW Datasheet(PDF) 4 Page - Recom International Power

Part # RP20-FW
Description  20 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-FW Datasheet(HTML) 4 Page - Recom International Power

  RP20-FW Datasheet HTML 1Page - Recom International Power RP20-FW Datasheet HTML 2Page - Recom International Power RP20-FW Datasheet HTML 3Page - Recom International Power RP20-FW Datasheet HTML 4Page - Recom International Power RP20-FW Datasheet HTML 5Page - Recom International Power RP20-FW Datasheet HTML 6Page - Recom International Power RP20-FW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PD-4
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FW
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.9VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
% of Iout rated
150% typ.
Isolation Voltage
I/P to O/P
I/P to O/P to case
1.6kVDC/1 minute
1.6kVDC/1 minute
Isolation Resistance
500 VDC
1G
Ω min.
Isolation Capacitance
1500pF max.
Notes:
Note7: This power module is not internally fused. An input line fuse must always be used.
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
367.91
165.95
98.64
64.98
44.78
31.32
21.70
14.49
8.88
4.39
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.8
Volts
R
D =
460.99
207.95
123.60
81.42
56.12
39.25
27.20
18.16
11.13
5.51
KOhms
RP20-xx12SFW
RP20-xx15SFW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
U =
36.57
16.58
9.92
6.58
4.59
3.25
2.30
1.59
1.03
0.59
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
Volts
R
D =
45.53
20.61
12.31
8.15
5.66
4.00
2.81
1.92
1.23
0.68
KOhms
RP20-xx05SFW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
404.18
180.59
106.06
68.80
46.44
31.53
20.88
12.90
6.69
1.72
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
499.82
223.41
131.27
85.20
57.56
39.14
25.97
16.10
8.42
2.282
KOhms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com