Electronic Components Datasheet Search
  English  ▼

X  

RP20-FW Datasheet(PDF) 5 Page - Recom International Power

Part # RP20-FW
Description  20 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-FW Datasheet(HTML) 5 Page - Recom International Power

  RP20-FW Datasheet HTML 1Page - Recom International Power RP20-FW Datasheet HTML 2Page - Recom International Power RP20-FW Datasheet HTML 3Page - Recom International Power RP20-FW Datasheet HTML 4Page - Recom International Power RP20-FW Datasheet HTML 5Page - Recom International Power RP20-FW Datasheet HTML 6Page - Recom International Power RP20-FW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FW
Series
PD-5
REV.: 1/2016
www.recom-power.com
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st. Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(10)
with external filter
EN55022, Class A or B
ESD
Radiated Immunity
Fast Transient(11)
Surge(11)
Conducted Immunity
Air ±8kV and Contact ±6kC
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
continued on next page
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +72°C
-40°C to +105°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection (20LFM)
Natural convection (20LFM) with Heat-sink
12°C/Watt
10°C/Watt
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
Bellcore TR-NWT-000332(8)
1851 x 103 hours
2350 x 103 hours
-40
60
78
80
105
120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
100
-40
60
80
72
100
105
120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph(9)
Notes:
Note8: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
Note9: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
RP20-4805SFW
RP20-4805SFW with Heat-sink



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com