Electronic Components Datasheet Search
  English  ▼

X  

RP20-FW Datasheet(PDF) 2 Page - Recom International Power

Part # RP20-FW
Description  20 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-FW Datasheet(HTML) 2 Page - Recom International Power

  RP20-FW Datasheet HTML 1Page - Recom International Power RP20-FW Datasheet HTML 2Page - Recom International Power RP20-FW Datasheet HTML 3Page - Recom International Power RP20-FW Datasheet HTML 4Page - Recom International Power RP20-FW Datasheet HTML 5Page - Recom International Power RP20-FW Datasheet HTML 6Page - Recom International Power RP20-FW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP20-FW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
9VDC
18VDc
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
7.5VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
15VDC
18VDC
Input Filter
Pi-Type
Input Reflected Ripple Current
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
20ms
20ms
Operating Frequency Range
360kHz
400kHz
440kHz
Minimum Load(5)
0%
Optional Output Trim
±10%
Ripple and Noise
measured by 20MHz bandwidth
with a 0.1µF/50V MLCC
3.3V
5.0V, 12V, 15V
60mVp-p
75mVp-p
Dual
100mVp-p
Remote ON/OFF(6)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 12V
Input current of Remote pin (CTRL)
DC-DC OFF
2mA
DC-DC ON
-0.5mA
0.5mA
continued on next page
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note5: The RP20-FW series requires a minimum of 10% loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not meet all listed
specification.
Note6: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
40
45
50
60
55
70
65
80
75
95
20
40
60
80
100
30
50
70
90
90
85
Input Voltage [VDC]
18
60
65
70
75
80
90
95
22
24
28
32
36
20
26
30
34
85
RP20-2405SFW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com