Electronic Components Datasheet Search
  English  ▼

X  

CDC5801 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 3Page - Texas Instruments CDC5801 Datasheet HTML 4Page - Texas Instruments CDC5801 Datasheet HTML 5Page - Texas Instruments CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments CDC5801 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VO(STOP)
Output voltage during CLK stop
mode
See Figure 1
1.1
2
V
VOX
Output crossing-point voltage
See Figure 1 and Figure 4
0.5VDDO–0.2
0.5VDDO+0.2
V
VO
Output voltage swing (VOH –
VOL)
See Figure 1
1.7
2.9
V
VIK
Input clamp voltage
VDD = 3.0 V,
II = –18 mA
–1.2
V
V
High level output voltage
See Figure 1, VDD = 3 to 3.6 V
2.0
2.6
V
VOH
High-level output voltage
VDD = 3.0 V,
IOH = –16 mA
2.2
V
V
Low level output voltage
See Figure 1, VDD = 3 to 3.6 V
0.3
0.6
V
VOL
Low-level output voltage
VDD = 3.0 V,
IOH = –16 mA
0.5
V
VDD = 3.135 V,
VO = 1 V
–32
–52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–51
mA
IOH
High level out ut current
VDD = 3.465 V,
VO = 3.135 V
–14.5
–21
mA
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
IOL
Low level out ut current
VDD = 3.465 V,
VO = 0.4 V
25.5
36
mA
IOZ
High-impedance-state output
current
P0 = 0,
P1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output
current during CLK stop
Stop = 0, VO = GND or VDD
±100
µA
IOZ(PD)
High-impedance-state output
current in power-down state
PWRDNB = 0,
VO = GND or VDD
–10
100
µA
REFCLK,
STOPB
VDD = 3.6 V,
VI = VDD
10
IIH
High-level input
current
PWRDNB,
P0:2,
MULT/
DIV0:1
VDD = 3.6 V,
VI = VDD
10
µA
REFCLK,
STOPB
VDD = 3.6 V,
VI = 0
–10
IIL
Low-level input
current
PWRDNB,
P0:2,
MULT/
DIV0:1
VDD = 3.6 V,
VI = 0
–10
µA
Z
Output impedance
High state
RI at IO –14.5 mA to –16.5 mA
15
35
50
Ω
ZO
Out ut im edance
(single ended)
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
Ω
Reference current
VDDREF,
V3 6 V
PWRDNB = 0
50
µA
Reference current
VDDREF,
VDDPD
VDD = 3.6 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
IDD(PD)
Supply current in power-down
state
REFCLK = 0 MHz to 100 MHz,
PWDNB = 0,
STOPB = 1
100
µA
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 500 MHz
40
mA
IDD(NORMAL)
Supply current in normal state
BUSCLK = 500 MHz
P0:2 = 000; load see Figure 1
70
mA
† VDD refers to any of the following; VDDPA, VDDPD, VDDREF, VDDO, and VDDP
‡ All typical values are at VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com