Electronic Components Datasheet Search
  English  ▼

X  

CDC5801 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 4Page - Texas Instruments CDC5801 Datasheet HTML 5Page - Texas Instruments CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments CDC5801 Datasheet HTML 11Page - Texas Instruments CDC5801 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
jitter specification over recommended operating free-air temperature range and VCC (unless
otherwise noted)
PARAMETER
CLKOUT
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
155 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
6.0
40
50
27
27
ps
200 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
5.5
36
36
36
23
23
ps
t(jitter)
(Multiplication only mode. Phase alignment
and programmable delay features are not
selected (PA bypass). See Figure 2.)
312 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
3.0
20
18
18
17
17
ps
400 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
2.3
17
12
12
15
15
ps
500 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
2.1
16
8
8
14
14
ps
155 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
9.0
70
50
50
50
ps
t(jitter)
(Multiplication with phase alignment and
200 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
7.0
55
36
36
40
40
ps
(j
)
(Multiplication with phase alignment and
programmable delay features selected. See
Figure 2.)
312 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
4.0
35
18
18
30
30
ps
400 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
3.1
27
13
13
25
25
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com