Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1248
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1248 Datasheet HTML 4Page - Dallas Semiconductor DS1248 Datasheet HTML 5Page - Dallas Semiconductor DS1248 Datasheet HTML 6Page - Dallas Semiconductor DS1248 Datasheet HTML 7Page - Dallas Semiconductor DS1248 Datasheet HTML 8Page - Dallas Semiconductor DS1248 Datasheet HTML 9Page - Dallas Semiconductor DS1248 Datasheet HTML 10Page - Dallas Semiconductor DS1248 Datasheet HTML 11Page - Dallas Semiconductor DS1248 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DS1248/DS1248P
8 of 21
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-0.3V to +6.0V
Storage Temperature Range
-40ºC to +85ºC
Soldering Temperature Range
+260
°C for 10 seconds (DIP) (Note 13)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
OPERATING RANGE
RANGE
TEMP. RANGE (ºC)
VCC (V)
Commercial
0 to +70
3.3
± 10% or 5 ± 10%
Industrial
-40 to +85
3.3
± 10% or 5 ± 10%
* This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time can affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Over the operating range
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC = 5V
± 10%
2.2
VCC + 0.3V
Logic 1
VCC = 3.3V
± 10%
VIH
2.0
VCC + 0.3V
V11
VCC = 5V
± 10%
-0.3
0.8
Logic 0
VCC = 3.3V
± 10%
VIL
-0.3
0.6
V11
DC ELECTRICAL CHARACTERISTICS
Over the operating range (5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
mA
12
I/O Leakage Current
CE
³ VIH ≤ VCC
IIO
-1.0
+1.0
mA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE = 2.2V
ICCS1
510
mA
Standby Current
CE = VCC - 0.5V
ICCS2
3.0
5.0
mA
Operating Current tCYC = 70ns
ICC01
85
mA
Write Protection Voltage
VPF
4.25
4.37
4.50
V
11
Battery Switchover Voltage
VSO
VBAT
V11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com