Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1248
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1248 Datasheet HTML 13Page - Dallas Semiconductor DS1248 Datasheet HTML 14Page - Dallas Semiconductor DS1248 Datasheet HTML 15Page - Dallas Semiconductor DS1248 Datasheet HTML 16Page - Dallas Semiconductor DS1248 Datasheet HTML 17Page - Dallas Semiconductor DS1248 Datasheet HTML 18Page - Dallas Semiconductor DS1248 Datasheet HTML 19Page - Dallas Semiconductor DS1248 Datasheet HTML 20Page - Dallas Semiconductor DS1248 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS1248/DS1248P
17 of 21
AC TEST CONDITIONS
Output Load:
50pF + 1TTL Gate
Input Pulse Levels:
0V to 3V
Timing Measurement Reference Levels
Input:
1.5V
Output:
1.5V
Input Pulse Rise and Fall Times: 5ns
NOTES:
1) WE is high for a read cycle.
2) OE = VIH or VIL. If CE = VIH during write cycle, the output buffers remain in a high impedance
state.
3) tWP is specified as the logical AND of CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4) tDH, tDS are measured from the earlier of CE or WE going high.
5) These parameters are sampled with a 50pF load and are not 100% tested.
6) If the CE low transition occurs simultaneously with or later than the WE low transition in Write
Cycle 1, the output buffers remain in a high impedance state during this period.
7) If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in a high impedance state during this period.
8) If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition,
the output buffers remain in a high impedance state during this period.
9) The expected tDR is defined as cumulative time in the absence of VCC with the clock oscillator
running.
10) tWR is a function of the latter occurring edge of WE or CE .
11) Voltages are referenced to ground.
12) RST (Pin 1) has an internal pullup resistor.
13) Real-time clock modules can be successfully processed through conventional wave-soldering
techniques as long as temperature exposure to the lithium energy source contained within does not
exceed +85°C. Post-solder cleaning with water-washing techniques is acceptable, provided that
ultrasonic vibration is not used.
In addition, for the PowerCap:
1) Dallas Semiconductor recommends that PowerCap Module bases experience one pass through solder
reflow oriented with the label side up (“live-bug”).
2) Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than three
seconds.
- To solder, apply flux to the pad, heat the lead frame pad, and apply solder. To remove the part,
apply flux, heat the lead frame pad until the solder reflows, and use a solder wick to remove
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com