Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1248
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1248 Datasheet HTML 6Page - Dallas Semiconductor DS1248 Datasheet HTML 7Page - Dallas Semiconductor DS1248 Datasheet HTML 8Page - Dallas Semiconductor DS1248 Datasheet HTML 9Page - Dallas Semiconductor DS1248 Datasheet HTML 10Page - Dallas Semiconductor DS1248 Datasheet HTML 11Page - Dallas Semiconductor DS1248 Datasheet HTML 12Page - Dallas Semiconductor DS1248 Datasheet HTML 13Page - Dallas Semiconductor DS1248 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS1248/DS1248P
10 of 21
PHANTOM CLOCK AC ELECTRICAL CHARACTERISTICS
Over the operating range (5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Read Cycle Time
tRC
65
ns
CE
Access Time
tCO
55
ns
OE
Access Time
tOE
55
ns
CE
to Output Low-Z
tCOE
5ns
OE
to Output Low-Z
tOEE
5ns
CE
to Output High-Z
tOD
25
ns
5
OE
to Output High-Z
tODO
25
ns
5
Read Recovery
tRR
10
ns
Write Cycle Time
tWC
65
ns
Write Pulse Width
tWP
55
ns
3
Write Recovery
tWR
10
ns
10
Data Setup Time
tDS
30
ns
4
Data Hold Time
tDH
0ns
4
CE
Pulse Width
tCW
60
ns
RESET
Pulse Width
tRST
65
ns
POWER-DOWN/POWER-UP TIMING
Over the operating range (3.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
CE
at VIH before Power-Down
tPD
0
ms
VCC Slew from VPF(max) to
VPF(min)( CE at VPF)
tF
300
ms
VCC Slew from VPF(min) to VSO
tFB
10
ms
VCC Slew from VPF(max) to
VPF(min)( CE at VPF)
tR
0
ms
CE
at VIH after Power-Up
tREC
1.5
2.5
ms
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Expected Data Retention Time
tDR
10
years
9
Warning: Under no circumstances are negative undershoots of any amplitude allowed when device is in
battery-backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com