Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1248
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1248 Datasheet HTML 7Page - Dallas Semiconductor DS1248 Datasheet HTML 8Page - Dallas Semiconductor DS1248 Datasheet HTML 9Page - Dallas Semiconductor DS1248 Datasheet HTML 10Page - Dallas Semiconductor DS1248 Datasheet HTML 11Page - Dallas Semiconductor DS1248 Datasheet HTML 12Page - Dallas Semiconductor DS1248 Datasheet HTML 13Page - Dallas Semiconductor DS1248 Datasheet HTML 14Page - Dallas Semiconductor DS1248 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DS1248/DS1248P
11 of 21
MEMORY AC ELECTRICAL CHARACTERISTICS
Over the operating range (3.3V)
DS1248W-120
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
ns
Access Time
tACC
120
ns
OE
to Output Valid
tOE
60
ns
CE
to Output Valid
tCO
120
ns
OE
or CE to Output Active
tCOE
5ns
5
Output High-Z from Deselection
tOD
40
ns
5
Output Hold from Address Change
tOH
5ns
Write Cycle Time
tWC
120
ns
Write Pulse Width
tWP
90
ns
3
Address Setup Time
tAW
0ns
Write Recovery Time
tWR
20
ns
10
Output High-Z from WE
tODW
40
ns
5
Output Active from WE
tOEW
5ns
5
Data Setup Time
tDS
50
ns
4
Data Hold Time from WE
tDH
20
ns
4
PHANTOM CLOCK AC ELECTRICALCHARACTERISTICS
Over the operating range (3.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
ns
CE
Access Time
tCO
100
ns
OE
Access Time
tOE
100
ns
CE
to Output Low-Z
tCOE
5ns
OE
to Output Low-Z
tOEE
5ns
CE
to Output High-Z
tOD
40
ns
5
OE
to Output High-Z
tODO
40
ns
5
Read Recovery
tRR
20
ns
Write Cycle Time
tWC
120
ns
Write Pulse Width
tWP
100
ns
3
Write Recovery
tWR
20
ns
10
Data Setup Time
tDS
45
ns
4
Data Hold Time
tDH
0ns
4
CE
Pulse Width
tCW
105
ns
RESET
Pulse Width
tRST
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com