Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1248
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1248 Datasheet HTML 1Page - Dallas Semiconductor DS1248 Datasheet HTML 2Page - Dallas Semiconductor DS1248 Datasheet HTML 3Page - Dallas Semiconductor DS1248 Datasheet HTML 4Page - Dallas Semiconductor DS1248 Datasheet HTML 5Page - Dallas Semiconductor DS1248 Datasheet HTML 6Page - Dallas Semiconductor DS1248 Datasheet HTML 7Page - Dallas Semiconductor DS1248 Datasheet HTML 8Page - Dallas Semiconductor DS1248 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
112801
FEATURES
§ Real-time clock (RTC) keeps track of
hundredths of seconds, minutes, hours, days,
date of the month, months, and years
§ 128k x 8 NV SRAM directly replaces
volatile static RAM or EEPROM
§ Embedded lithium energy cell maintains
calendar operation and retains RAM data
§ Watch function is transparent to RAM
operation
§ Month and year determine the number of
days in each month; valid up to 2100
§ Full 10% operating range
§ Operating temperature range: 0°C to +70°C
§ Over 10 years of data retention in the
absence of power
§ Lithium energy source is electrically
disconnected to retain freshness until power
is applied for the first time
§ DIP Module only
§ Standard 32-pin JEDEC pinout
§ PowerCap
® Module Board only
- Surface mountable package for direct
connection to PowerCap containing
battery and crystal
- Replaceable battery (PowerCap)
- Pin for pin compatible with DS1244P
and DS1251P
PIN ASSIGNMENT
DS1248/DS1248P
1024k NV SRAM with Phantom Clock
www.maxim-ic.com
1
RST
2
3
A15
A16
NC
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
NC
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
NC
X1 GND VBAT
X2
34-Pin PowerCap Module Board
(Uses DS9034PCX PowerCap)
RST
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
32-Pin Encapsulated Package
740mil Flush
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
A15
NC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
32
30
29
28
27
26
25
24
23
22
21
19
20
A16
A12
A6
DQ2
GND
15
16
18
17
DQ4
DQ3
PowerCap is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS1248

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1248 MAXIM-DS1248 Datasheet
631Kb / 19P
1024K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1248P MAXIM-DS1248P Datasheet
631Kb / 19P
1024K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1248W-100IND ARTSCHIP-DS1248W-100IND Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
DS1248W-120 ARTSCHIP-DS1248W-120 Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
More results

Similar Description - DS1248

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
64K NV SRAM with Phantom Clock
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
4096k NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
256K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
4096K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
64K NV SRAM with Phantom Clock
Rev 11/11
DS1248 MAXIM-DS1248 Datasheet
631Kb / 19P
1024K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com