Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1248
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1248 Datasheet HTML 1Page - Dallas Semiconductor DS1248 Datasheet HTML 2Page - Dallas Semiconductor DS1248 Datasheet HTML 3Page - Dallas Semiconductor DS1248 Datasheet HTML 4Page - Dallas Semiconductor DS1248 Datasheet HTML 5Page - Dallas Semiconductor DS1248 Datasheet HTML 6Page - Dallas Semiconductor DS1248 Datasheet HTML 7Page - Dallas Semiconductor DS1248 Datasheet HTML 8Page - Dallas Semiconductor DS1248 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS1248/DS1248P
3 of 21
RAM READ MODE
The DS1248 executes a read cycle whenever WE (write enable) is inactive (high) and CE (chip enable) is
active (low). The unique address specified by the 17 address inputs (A0–A16) defines which of the 128k
bytes of data is to be accessed. Valid data will be available to the eight data-output drivers within tACC
(access time) after the last address input signal is stable, providing that CE and OE (output enable) access
times and states are also satisfied. If OE and CE access times are not satisfied, then data access must be
measured from the later occurring signal ( CE or OE ) and the limiting parameter is either tCO for CE or
tOE for OE , rather than address access.
RAM WRITE MODE
The DS1248 is in the write mode whenever the
WE and CE signals are in the active (low) state after
address inputs are stable. The latter occurring falling edge of CE or WE will determine the start of the
write cycle. The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs
must be kept valid throughout the write cycle. WE must return to the high state for a minimum recovery
time (tWR ) before another cycle can be initiated. The OE control signal should be kept inactive (high)
during write cycles to avoid bus contention. However, if the output bus has been enabled ( CE and OE
active) then WE will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The 5V device is fully accessible and data can be written or read only when VCC is greater than VPF.
However, when VCC is below the power-fail point, VPF (point at which write protection occurs), the
internal clock registers and SRAM are blocked from any access. When VCC falls below the battery switch
point, VSO (battery supply level), device power is switched from the VCC pin to the backup battery. RTC
operation and SRAM data are maintained from the battery until VCC is returned to nominal levels.
The 3.3V device is fully accessible and data can be written or read only when VCC is greater than VPF.
When VCC falls below VPF, access to the device is inhibited. If VPF is less than VBAT, the device power is
switched from VCC to the backup supply (VBAT) when VCC drops below VPF. If VPF is greater than VBAT,
the device power is switched from VCC to the backup supply (VBAT) when VCC drops below VBAT. RTC
operation and SRAM data are maintained from the battery until VCC is returned to nominal levels.
All control, data, and address signals must be powered down when VCC is powered-down.
PHANTOM CLOCK OPERATION
Communication with the phantom clock is established by pattern recognition on a serial bit stream of
64 bits, which must be matched by executing 64 consecutive write cycles containing the proper data on
DQ0. All accesses that occur prior to recognition of the 64-bit pattern are directed to memory.
After recognition is established, the next 64 read or write cycles either extract or update data in the
phantom clock, and memory access is inhibited.
Data transfer to and from the timekeeping function is accomplished with a serial bit stream under control
of chip enable, output enable, and write enable. Initially, a read cycle to any memory location using the
CE
and OE control of the phantom clock starts the pattern recognition sequence by moving a pointer to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com