Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2157CS
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2157CS Datasheet HTML 1Page - Intersil Corporation EL2157CS Datasheet HTML 2Page - Intersil Corporation EL2157CS Datasheet HTML 3Page - Intersil Corporation EL2157CS Datasheet HTML 4Page - Intersil Corporation EL2157CS Datasheet HTML 5Page - Intersil Corporation EL2157CS Datasheet HTML 6Page - Intersil Corporation EL2157CS Datasheet HTML 7Page - Intersil Corporation EL2157CS Datasheet HTML 8Page - Intersil Corporation EL2157CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
NOTES:
1. CLAMP pin and ENABLE pin specifications apply only to the EL2157.
2. All AC tests are performed on a “warmed up” part, except slew rate, which is pulse tested.
3. Standard NTSC signal = 286mVP-P, f = 3.58MHz, as VIN is swept from 0.6V to 1.314V.RL is DC coupled.
4. Disable/Enable time is defined as the time from when the logic signal is applied to the ENABLE pin to when the supply current has reached half
its final value.
Closed Loop AC Electrical Specifications VS = +5V, GND = 0V, TA = 25°C, VCM = +1.5V, VOUT = +1.5V, VCLAMP = +5V,
VENABLE = +5V, AV = +1, RF = 0Ω, RL = 150Ω to GND pin, unless otherwise specified.
(Notes 1 and 2)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 400mVP-P)VS = 5V, AV = 1, RF = 0Ω
125
MHz
VS = 5V, AV = -1, RF = 500Ω
60
MHz
VS = 5V, AV = 2, RF = 500Ω
60
MHz
VS = 5V, AV = 10, RF = 500Ω
6MHz
VS = 12V, AV = 1, RF = 0Ω
150
MHz
VS = 3V, AV = 1, RF = 0Ω
100
MHz
BW
±0.1dB Bandwidth (VOUT = 400mVP-P)VS = 12V, AV = 1, RF = 0Ω
25
MHz
VS = 5V, AV = 1, RF = 0Ω
30
MHz
VS = 3V, AV = 1, RF = 0Ω
20
MHz
GBWP
Gain Bandwidth Product
VS = 12V, @ AV = 10
60
MHz
PM
Phase Margin
RL = 1kΩ, CL = 6 pF
55
°
SR
Slew Rate
VS = 10V, RL = 150Ω, VOUT = 0V to 6V
200
275
V/µs
VS = 5V, RL = 150Ω, VOUT = 0V to 3V
300
V/µs
tR,tF
Rise Time, Fall Time
±0.1V step
2.8
ns
OS
Overshoot
±0.1V step
10
%
tPD
Propagation Delay
±0.1V step
3.2
ns
tS
0.1% Settling Time
VS = ±5V, RL = 500Ω, AV = 1, VOUT = ±3V
40
ns
0.01% Settling Time
VS = ±5V, RL = 500Ω, AV = 1, VOUT = ±3V
75
ns
dG
Differential Gain (Note 3)
AV = 2, RF = 1kΩ
0.05
%
dP
Differential Phase (Note 3)
AV = 2, RF = 1kΩ
0.05
°
eN
Input Noise Voltage
f = 10kHz
48
nV/
√Hz
iN
Input Noise Current
f = 10kHz
1.25
pA/
√Hz
tDIS
Disable Time (Note 4)
50
ns
tEN
Enable Time (Note 4)
25
ns
tCL
Clamp Overload Recovery
7ns
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com