Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2157CS
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2157CS Datasheet HTML 1Page - Intersil Corporation EL2157CS Datasheet HTML 2Page - Intersil Corporation EL2157CS Datasheet HTML 3Page - Intersil Corporation EL2157CS Datasheet HTML 4Page - Intersil Corporation EL2157CS Datasheet HTML 5Page - Intersil Corporation EL2157CS Datasheet HTML 6Page - Intersil Corporation EL2157CS Datasheet HTML 7Page - Intersil Corporation EL2157CS Datasheet HTML 8Page - Intersil Corporation EL2157CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN7050.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2150, EL2157
125MHz Single Supply, Clamping Op
Amps
The EL2150 and EL2157 are the
electronics industry's fastest single
supply op amps available. Prior single
supply op amps have generally been limited to bandwidths
and slew rates ¼ that of the EL2150 and EL2157. The
125MHz bandwidth, 275V/µs slew rate, and 0.05%/0.05°
differential gain/differential phase makes this part ideal for
single or dual supply video speed applications. With its
voltage feedback architecture, these amplifiers can accept
reactive feedback networks, allowing them to be used in
analog filtering applications. The inputs can sense signals
below the bottom supply rail and as high as 1.2V below the
top rail. Connecting the load resistor to ground and operating
from a single supply, the outputs swing completely to ground
without saturating. The outputs can also drive to within 1.2V
of the top rail. The EL2150 and EL2157 will output ±100mA
and will operate with single supply voltages as low as 2.7V,
making them ideal for portable, low power applications.
The EL2157 has a high speed disable feature. Applying a
low logic level to this pin reduces the supply current to 0µA
within 50ns. This is useful for both multiplexing and reducing
power consumption.
The EL2157 also has an output voltage clamp feature. This
clamp is a fast recovery (<7ns) output clamp that prevents
the output voltage from going above the preset clamp
voltage. This feature is desirable for A/D applications, as A/D
converters can require long times to recover if overdriven.
For applications where board space is critical the EL2150 is
available in the tiny 5-pin SOT-23 package, which has a
footprint 28% the size of an 8-pin SO. The EL2150 and
EL2157 are both available in an 8-pin SO package. All parts
operate over the industrial temperature range of -40°C to
+85°C. For dual, triple, or quad applications, contact the
factory.
Features
• Specified for 3V, 5V, or ±5V applications
• Power-down to 0µA (EL2157)
• Output voltage clamp (EL2157)
• Large input common mode range
0V < VCM < VS - 1.2V
• Output swings to ground without saturating
• -3dB bandwidth = 125MHz
• ±0.1dB bandwidth = 30MHz
• Low supply current = 5mA
• Slew rate = 275V/µs
• Low offset voltage = 2mV max (SO package)
• Output current = ±100mA
• High open loop gain = 80dB
• Diff gain/phase = 0.05%/0.05°
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL2150CS
8-Pin SO
-
MDP0027
EL2150CS-T7
8-Pin SO
7”
MDP0027
EL2150CS-T13
8-Pin SO
13”
MDP0027
EL2150CW-T7
5-Pin SOT-23
7” (3K pcs)
MDP0038
EL2150CW-T7A
5-Pin SOT-23
7” (250 pcs)
MDP0038
EL2157CS
8-Pin SO
-
MDP0027
EL2157CS-T7
8-Pin SO
7”
MDP0027
EL2157CS-T13
8-Pin SO
13”
MDP0027
Data Sheet
March 12, 2004


Similar Part No. - EL2157CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2157CS ELANTEC-EL2157CS Datasheet
488Kb / 20P
125 MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2157CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2150C ELANTEC-EL2150C Datasheet
488Kb / 20P
125 MHz Single Supply, Clamping Op Amps
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
125 MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
125MHz Single Supply, Clamping Op Amp
February 28, 2002
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com