Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2157CS
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2157CS Datasheet HTML 2Page - Intersil Corporation EL2157CS Datasheet HTML 3Page - Intersil Corporation EL2157CS Datasheet HTML 4Page - Intersil Corporation EL2157CS Datasheet HTML 5Page - Intersil Corporation EL2157CS Datasheet HTML 6Page - Intersil Corporation EL2157CS Datasheet HTML 7Page - Intersil Corporation EL2157CS Datasheet HTML 8Page - Intersil Corporation EL2157CS Datasheet HTML 9Page - Intersil Corporation EL2157CS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Typical Performance Curves
Non-Inverting
Frequency Response (Phase)
Non-Inverting
Frequency Response (Gain)
3dB Bandwidth vs
Temperature for
Non-Inverting Gains
Inverting Frequency
Response (Gain)
Inverting Frequency
Response (Phase)
In 3dB Bandwidth vs
Temperature for
Inverting Gains
Frequency Response
for Various RL
Frequency Response
for Various CL
Non-Inverting
Frequency Response vs
Common Mode Voltage
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com