Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2157CS
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2157CS Datasheet HTML 8Page - Intersil Corporation EL2157CS Datasheet HTML 9Page - Intersil Corporation EL2157CS Datasheet HTML 10Page - Intersil Corporation EL2157CS Datasheet HTML 11Page - Intersil Corporation EL2157CS Datasheet HTML 12Page - Intersil Corporation EL2157CS Datasheet HTML 13Page - Intersil Corporation EL2157CS Datasheet HTML 14Page - Intersil Corporation EL2157CS Datasheet HTML 15Page - Intersil Corporation EL2157CS Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Typical Performance Curves (Continued)
Burn-In Circuit
1.136W
θJA=110°C/W
SO8
1.8
1.6
1.4
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
85
543mW
θJA=230°C/W
SOT23-5/6
0.5
125
1
1.2
781mW
θJA=160°C/W
SO8
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.6
0.5
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
85
488mW
θJA=256°C/W
SOT23-5/6
0.4
0.1
0.3
125
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com