Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 17 Page - Intersil Corporation

Part # EL2157CS
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157CS Datasheet(HTML) 17 Page - Intersil Corporation

Back Button EL2157CS Datasheet HTML 11Page - Intersil Corporation EL2157CS Datasheet HTML 12Page - Intersil Corporation EL2157CS Datasheet HTML 13Page - Intersil Corporation EL2157CS Datasheet HTML 14Page - Intersil Corporation EL2157CS Datasheet HTML 15Page - Intersil Corporation EL2157CS Datasheet HTML 16Page - Intersil Corporation EL2157CS Datasheet HTML 17Page - Intersil Corporation EL2157CS Datasheet HTML 18Page - Intersil Corporation EL2157CS Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
package type need to be modified for the EL2150 and
EL2157 to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to [1]:
where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or
[2]
where:
VS = Total supply voltage
ISMAX = Maximum supply current
VOUT = Maximum output voltage of the application
RL = Load resistance tied to ground
If we set the two PDMAX equations, [1] & [2], equal to each
other, and solve for VS, we can get a family of curves for
various loads and output voltages according to [3]:
Figures 11 and 12 show total single supply voltage VS vs RL
for various output voltage swings for the SO package. The
curves assume WORST CASE conditions of TA = +85°C
and IS = 6.5mA.
PD
MAX
T
JMAX - TAMAX
θ
JA
---------------------------------------------
=
PD
MAX
V
S
I
SMAX
×
V
s - VOUT
()
V
OUT
R
L
----------------
×
+
=
V
S
R
L
T
AMAX - TAMAX
()
×
θ
JA
----------------------------------------------------------------
V
OUT
()
2
+
I
s
R
L
×
() V
OUT
+
-----------------------------------------------------------------------------------------------
=
FIGURE 11.
Single Supply Voltage
vs RLOAD for Various
VOUT (SO Package)
FIGURE 12.
Single Supply Voltage
vs RLOAD for Various
VOUT (SOT-23 Package)
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com