Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 16 Page - Intersil Corporation

Part # EL2157CS
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157CS Datasheet(HTML) 16 Page - Intersil Corporation

Back Button EL2157CS Datasheet HTML 11Page - Intersil Corporation EL2157CS Datasheet HTML 12Page - Intersil Corporation EL2157CS Datasheet HTML 13Page - Intersil Corporation EL2157CS Datasheet HTML 14Page - Intersil Corporation EL2157CS Datasheet HTML 15Page - Intersil Corporation EL2157CS Datasheet HTML 16Page - Intersil Corporation EL2157CS Datasheet HTML 17Page - Intersil Corporation EL2157CS Datasheet HTML 18Page - Intersil Corporation EL2157CS Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Video Sync Pulse Remover Application
All CMOS Analog to Digital Converters (A/Ds) have a
parasitic latch-up problem when subjected to negative input
voltage levels. Since the sync tip contains no useful video
information and it is a negative going pulse, we can chop it
off. Figure 7 shows a unity gain connected EL2150 and
EL2157. Figure 8 shows the complete input video signal
applied at the input, as well as the output signal with the
negative going sync pulse removed.
Multiplexing with the EL2157
The ENABLE pin on the EL2157 allows for multiplexing
applications. Figure 9 shows two EL2157s with their outputs
tied together, driving a back terminated 75
Ω video load. A
2VP-P 10MHz sinewave is applied at one input, and a 1VP-P
5MHz sinewave to the other. Figure 10 shows the CLOCK
signal which is applied, and the resulting output waveform at
VOUT. Switching is complete in about 50ns. Notice the
outputs are tied directly together. Decoupling resistors at
each output are not necessary. In fact, adding them
approximately doubles the switching time to 100ns.
Short Circuit Current Limit
The EL2150 and EL2157 have internal short circuit
protection circuitry that protect it in the event of its output
being shorted to either supply rail. This limit is set to around
100mA nominally and reduces with increasing junction
temperature. It is intended to handle temporary shorts. If an
output is shorted indefinitely, the power dissipation could
easily increase such that the part will be destroyed.
Maximum reliability is maintained if the output current never
exceeds ±90mA. A heat sink may be required to keep the
junction temperature below absolute maximum when an
output is shorted indefinitely.
Power Dissipation
With the high output drive capability of the EL2150 and
EL2157, it is possible to exceed the 150°C Absolute
Maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if power-supply voltages, load conditions, or
FIGURE 6.
Propagation Delay vs Overdrive
EL2157 as a Comparator
FIGURE 7.
FIGURE 8.
FIGURE 9.
FIGURE 10.
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com