| Electronic Components Datasheet Search |
|
MAX5591BEUI Datasheet(PDF) 18 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX5591BEUI Datasheet(HTML) 18 Page - Maxim Integrated Products |
|
18 / 33 page ![]() Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs 18 ______________________________________________________________________________________ SCLK DIN C3 C2 C1 C0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DIN SCLK DVDD COMMAND TAKES EFFECT HERE ONLY IF SCLK COUNT = N ✕ 16 COMMAND TAKES EFFECT HERE ONLY IF SCLK COUNT = N ✕ 16 MICROWIRE OR SPI (CPOL = 0, CPHA = 0) 8-BIT CONTROL DATA OR 12-BIT DAC DATA WRITE: CS MUST REMAIN LOW BETWEEN BYTES ON A 16-BIT WRITE OPERATION SPI (CPOL = 1, CPHA = 1) 8-BIT CONTROL DATA OR 12-BIT DAC DATA WRITE: CS MUST REMAIN LOW BETWEEN BYTES ON A 16-BIT WRITE OPERATION DIN SCLK CS CS MAX5590– MAX5595 VDD VDD MICROWIRE SK SO I/O SCLK DIN DVDD MAX5590– MAX5595 VDD VDD SPI OR QSPI SCK MOSI SS OR I/O CS DSP DSP CS C3 C2 C1 C0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SCLK DIN C3 C2 C1 C0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 C3 C2 C1 C0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DIN SCLK DGND COMMAND TAKES EFFECT HERE ONLY IF SCLK COUNT = N ✕ 16 COMMAND TAKES EFFECT HERE ONLY IF SCLK COUNT = N ✕ 16 DSP OR SPI (CPOL = 0, CPHA = 0) 8-BIT CONTROL DATA OR 12-BIT DAC DATA WRITE: DSP OR SPI (CPOL = 1, CPHA = 0) 8-BIT CONTROL DATA OR 12-BIT DAC DATA WRITE: DIN SCLK CS CS MAX5590– MAX5595 VSS DSP TCLK, SCLK, OR CLKX DT OR DX TFS OR FSX SCLK DIN DGND MAX5590– MAX5595 VSS SPI OR QSPI SCK MOSI SS OR I/O CS DSP DSP CS CS MUST REMAIN LOW BETWEEN BYTES ON A 16-BIT WRITE OPERATION CS MUST REMAIN LOW BETWEEN BYTES ON A 16-BIT WRITE OPERATION Figure 3. MICROWIRE and SPI Single DAC Writes (CPOL = 0, CPHA = 0 or CPOL = 1, CPHA = 1) Figure 4. DSP and SPI Single DAC Writes (CPOL = 0, CPHA = 1 or CPOL = 1, CPHA = 0) Serial-Interface Programming Commands Tables 2a, 2b, and 2c provide all of the serial-interface programming commands for the MAX5590–MAX5595. Table 2a shows the basic DAC programming com- mands, Table 2b gives the advanced-feature program- ming commands, and Table 2c provides the 24-bit read commands. Figures 3 and 4 provide the serial- interface diagrams for read and write operations. Loading Input and DAC Registers The MAX5590–MAX5595 contain a 16-bit shift register that is followed by a 12-bit input register and a 12-bit DAC register for each channel (see the Functional Diagrams). Tables 3, 4, and 5 highlight a few of the commands that handle the loading of the input and DAC registers. See Table 2a for all DAC programming commands. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |