Electronic Components Datasheet Search
  English  ▼

X  

MAX5591BEUI Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX5591BEUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5591BEUI Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX5591BEUI Datasheet HTML 23Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 24Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 25Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 26Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 27Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 28Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 29Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 30Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
27
UPIO Configuration
Table 22 lists the possible configurations for UPIO1 and
UPIO2. UPIO1 and UPIO2 use the selected function
when configured by the UP3–UP0 configuration bits.
LDAC
LDAC controls the loading of the DAC registers. When
LDAC is high, the DAC registers are latched, and any
change in the input registers does not affect the con-
tents of the DAC registers or the DAC outputs. When
LDAC is low, the DAC registers are transparent, and the
values stored in the input registers are fed directly to the
DAC registers, and the DAC outputs are updated.
Drive LDAC low to asynchronously load the DAC regis-
ters from their corresponding input registers (DACs that
are in shutdown remain shut down). The LDAC input
does not require any activity on CS, SCLK, or DIN to
take effect. If LDAC is brought low coincident with a ris-
ing edge of CS (which executes a serial command
modifying the value of either DAC input register), then
LDAC must remain asserted for at least 120ns following
the CS rising edge. This requirement applies only for
serial commands that modify the value of the DAC input
registers. See Figures 5 and 6 for timing details.
Table 22. UPIO Configuration Register Bits (UP3–UP0)
UPIO CONFIGURATION BITS
UP3
UP2
UP1
UP0
FUNCTION
DESCRIPTION
0000
LDAC
Active-Low Load DAC Input. Drive low to asynchronously load all DAC registers
with data from input registers.
0001
SET
Active-Low Input. Drive low to set all input and DAC registers to full scale.
0010
MID
Active-Low Input. Drive low to set all input and DAC registers to midscale.
0011
CLR
Active-Low Input. Drive low to set all input and DAC registers to zero scale.
0100
PDL
Active-Low Power-Down Lockout Input. Drive low to disable software shutdown.
0101
Reserved
This mode is reserved. Do not use.
0110
SHDN1K
Active-Low 1k
Ω Shutdown Input. Overrides PD_1 and PD_0 settings. For the
MAX5590/MAX5592/MAX5594, drive SHDN1K low to pull OUTA–OUTH to AGND
with 1k
Ω. For the MAX5591/MAX5593/MAX5595, drive SHDN1K low to leave
OUTA–OUTH high impedance.
0111
SHDN100K
Active-Low 100k
Ω Shutdown Input. Overrides PD_1 and PD_0 settings. For the
MAX5590/MAX5592/MAX5594, drive SHDN100K low to pull OUTA–OUTH to
AGND with 100k
Ω. For the MAX5591/MAX5593/MAX5595, drive low to leave
OUTA–OUTH high impedance.
1000
DOUTRB
Data Read-Back Output
1001
DOUTDC0
Mode 0 Daisy-Chain Data Output. Data is clocked out on the falling edge of
1010
DOUTDC1
Mode 1 Daisy-Chain Data Output. Data is clocked out on the rising edge of SCLK.
1011
GPI
General-Purpose Logic Input
1100
GPOL
General-Purpose Logic-Low Output
1101
GPOH
General-Purpose Logic-High Output
1110
TOGG
Toggle Input. Toggles DAC outputs between data in input registers and data in
DAC registers. Drive low to set all DAC outputs to values stored in input registers.
Drive high to set all DAC outputs to values stored in DAC registers.
1111
FAST
Fast/Slow Settling-Time-Mode Input. Drive low to select FAST (3µs) mode or drive
high to select SLOW (6µs) settling mode. Overrides the SPDA–SPDH settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com