Electronic Components Datasheet Search
  English  ▼

X  

MAX5591BEUI Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX5591BEUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5591BEUI Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX5591BEUI Datasheet HTML 25Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 26Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 27Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 28Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 29Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 30Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 31Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 32Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
30
______________________________________________________________________________________
Applications Information
Unipolar Output
Figure 7 shows the unity-gain MAX5590 in a unipolar
output configuration. Table 24 lists the unipolar out-
put codes.
Bipolar Output
The MAX5590 outputs can be configured for bipolar
operation, as shown in Figure 8. The output voltage is
given by the following equation:
VOUT_ = VREF x (CODE - 2048) / 2048
where CODE represents the numeric value of the
DAC’s binary input code (0 to 4095 decimal). Table 25
shows digital codes and the corresponding output volt-
age for the Figure 8 circuit.
Configurable Output Gain
The MAX5591/MAX5593/MAX5595 have force-sense
outputs, which provide a direct connection to the invert-
ing terminal of the output op amp, yielding the most
flexibility. The force-sense output has the advantage
that specific gains can be set externally for a given
application. The gain error for the MAX5591/MAX5593/
MAX5595 is specified in a unity-gain configuration (op-
amp output and inverting terminals connected), and
additional gain error results from external resistor
tolerances. The force-sense DACs allow many useful
circuits to be created with only a few simple external
components.
An example of a custom, fixed gain using the
MAX5591’s force-sense output is shown in Figure 9. In
this example, the external reference is set to 1.25V, and
the gain is set to +1.1V/V with external discrete resis-
tors to provide an approximate 0 to 1.375V DAC output
voltage range.
VOUT = [(0.5 x VREF_ x CODE) / 4096] x [1 + (R2 / R1)]
where CODE represents the numeric value of the
DAC’s binary input code (0 to 4095 decimal).
In this example, R2 = 12k
Ω and R1 = 10kΩ to set the
gain = 1.1V/V.
VOUT = [(0.5 x 1.25V x CODE) / 4096] x 2.2
Table 25. Bipolar Code Table (Gain = +1)
DAC CONTENTS
MSB
LSB
ANALOG OUTPUT
1111
1111
1111
+VREF (2047 / 2048)
1000
0000
0001
+VREF (1 / 2048)
1000
0000
0000
0
0111
1111
1111
-VREF (1 / 2048)
0000
0000
0001
-VREF (2047 / 2048)
0000
0000
0000
-VREF (2048 / 2048) = -VREF
Figure 8. Bipolar Output Circuit
MAX5590
DAC_
REF
OUT_
10k
Ω
10k
Ω
V+
V-
VOUT
MAX5591
DAC_
REF
OUT_
FB_
R2 = 12k
Ω
0.1%
25ppm
R1 = 10k
Ω
0.1%
25ppm
Figure 9. Configurable Output Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com