Electronic Components Datasheet Search
  English  ▼

X  

MAX5591BEUI Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX5591BEUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5591BEUI Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX5591BEUI Datasheet HTML 25Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 26Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 27Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 28Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 29Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 30Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 31Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 32Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
29
GPI, GPOL, GPOH
UPIO1 and UPIO2 can each be configured as a gener-
al-purpose input (GPI), a general-purpose output low
(GPOL), or a general-purpose output high (GPOH).
The GPI can serve to detect interrupts from µPs or micro-
controllers. The GPI has three functions:
1) Sample the signal at GPI at the time of the read
(RTP1 and RTP2).
2) Detect whether or not a falling edge has occurred
since the last read or reset (LF1 and LF2).
3) Detect whether or not a rising edge has occurred
since the last read or reset (LR1 and LR2).
RTP1, LF1, and LR1 represent the data read from
UPIO1; RTP2, LF2, and LR2 represent the data read
from UPIO2.
To issue a read command for the UPIO configured as
GPI, use the command in Table 23.
Once the command is issued, RTP1 and RTP2 provide
the real-time status (0 or 1) of the inputs at UPIO1 or
UPIO2, respectively, at the time of the read. If LF2 or
LF1 is one, then a falling edge has occurred on the
respective UPIO1 or UPIO2 input since the last read or
reset. If LR2 or LR1 is one, then a rising edge has
occurred since the last read or reset.
GPOL outputs a constant low, and GPOH outputs a
constant high. See Figure 6.
TOGG
Use the TOGG input to toggle the DAC outputs
between the values in the input registers and DAC reg-
isters. A delay of greater than 100ns from the end of the
previous write command is required before the TOGG
signal can be correctly switched between the new
value and the previously stored value. When TOGG =
0, the output follows the information in the input regis-
ters. When TOGG = 1, the output follows the informa-
tion in the DAC register (Figure 5).
FAST
The MAX5590–MAX5595 have two settling-time-mode
options: FAST (3µs max) and SLOW (6µs max). To
select the FAST mode, drive FAST low, and to select
SLOW mode, drive FAST high. This overrides (not over-
writes) the SPDA–SPDH bit settings.
Table 23. GPI Read Command
DATA
CONTROL BITS
DATA BITS
DIN1
0
11101
XXXXX
XXXX
DOUTRB
XX
XXXXX
XXX
RTP2
LF2
LR2
RTP1
LF1
LR1
Table 24. Unipolar Code Table (Gain = +1)
DAC CONTENTS
MSB
LSB
ANALOG OUTPUT
1111
1111
1111
+VREF (4095 / 4096)
1000
0000
0001
+VREF (2049 / 4096)
1000
0000
0000
+VREF (2048 / 4096) = VREF / 2
0111
1111
1111
+VREF (2047 / 4096)
0000
0000
0001
+VREF (1 / 4096)
0000
0000
0000
0
MAX5590
DAC_
REF_
OUT_
VOUT_ = VREF_ x CODE / 4096
CODE IS THE DAC_ INPUT
CODE (0 TO 4095 DECIMAL).
Figure 7. Unipolar Output Circuit
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com