Electronic Components Datasheet Search
  English  ▼

X  

MAX5591BEUI Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX5591BEUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5591BEUI Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX5591BEUI Datasheet HTML 24Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 25Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 26Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 27Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 28Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 29Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 30Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 31Page - Maxim Integrated Products MAX5591BEUI Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
28
______________________________________________________________________________________
SET, MID, CLR
The SET, MID, and CLR signals force the DAC outputs
to full scale, midscale, or zero scale (Figure 5). These
signals cannot be active at the same time.
The active-low SET input forces the DAC outputs to full
scale when SET is low. When SET is high, the DAC out-
puts follow the data in the DAC registers.
The active-low MID input forces the DAC outputs to
midscale when MID is low. When MID is high, the DAC
outputs follow the data in the DAC registers.
The active-low CLR input forces the DAC outputs to
zero scale when CLR is low. When CLR is high, the
DAC outputs follow the data in the DAC registers.
If CLR, MID, or SET signals go low during a write com-
mand, reload the data to ensure accurate results.
Power-Down Lockout (
PDL)
The PDL active-low, software-shutdown lockout input
overrides (not overwrites) the PD_0 and PD_1 shutdown-
mode bits. PDL cannot be active at the same time as
SHDN1K or SHDN100K (see the Shutdown Mode
(SHDN1K, SHDN100K) section).
If the PD_0 and PD_1 bits command the DAC to
shut down prior to PDL going low, the DAC returns to
shutdown mode immediately after PDL goes high,
unless the PD_0 and PD_1 bits were modified through
the serial interface in the meantime.
Shutdown Mode (
S
SH
HD
DN
N1
1K
K, S
SH
HD
DN
N1
10
00
0K
K)
The SHDN1K and SHDN100K are active-low signals
that override (not overwrite) the PD_1 and PD_0 bit set-
tings. For the MAX5590/MAX5592/MAX5594, drive
SHDN1K low to select shutdown mode with OUTA–
OUTH internally terminated with 1k
Ω to ground, or drive
SHDN100K low to select shutdown with an internal
100k
Ω termination. For the MAX5591/MAX5593/
MAX5595, drive SHDN1K low for shutdown with 1k
Ω
output termination, or drive SHDN100K low for shut-
down with high-impedance outputs.
For proper shutdown, first select a shutdown mode
(Table 8), then use the shutdown-control bits as listed
in Table 2b.
Data Output (DOUTRB, DOUTDC0, DOUTDC1)
UPIO1 and UPIO2 can be configured as serial data out-
puts, DOUTRB (data out for read back), DOUTDC0
(data out for daisy-chaining, mode 0), and DOUTDC1
(data out for daisy-chaining, mode 1). The differences
between DOUTRB and DOUTDC0 (or DOUTDC1) are
as follows:
•
The source of read-back data on DOUTRB is the
DOUT register. Daisy-chain DOUTDC_ data comes
directly from the shift register.
•
Read-back data on DOUTRB is only present after a
DAC read command. Daisy-chain data is present on
DOUTDC_ for any DAC write after the first 16 bits
are written.
•
The DOUTRB idle state (CS = high) for read back is
high impedance. Daisy-chain DOUTDC_ idles high
when inactive to avoid floating the data input in the
next device in the daisy-chain.
See Figures 1 and 2 for timing details.
tGP
tLDS
END OF
CYCLE*
GPO_
LDAC
* END-OF-CYCLE REPRESENTS THE RISING EDGE OF CS OR THE 16TH
ACTIVE CLOCK EDGE, DEPENDING ON THE MODE OF OPERATION.
tCMS
tLDL
tS
±0.5 LSB
TOGG
VOUT_
LDAC
PDL
CLR,
MID, OR
SET
PDL AFFECTS DAC OUPTUTS (VOUT_) ONLY IF DACS WERE PREVIOUSLY SHUT DOWN.
Figure 5. Asynchronous Signal Timing
Figure 6. GPO_ and LDAC Signal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com