Electronic Components Datasheet Search
  English  ▼

X  

GS4288C09 Datasheet(PDF) 39 Page - GSI Technology

Part # GS4288C09
Description  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Datasheet(HTML) 39 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 35Page - GSI Technology GS4288C09 Datasheet HTML 36Page - GSI Technology GS4288C09 Datasheet HTML 37Page - GSI Technology GS4288C09 Datasheet HTML 38Page - GSI Technology GS4288C09 Datasheet HTML 39Page - GSI Technology GS4288C09 Datasheet HTML 40Page - GSI Technology GS4288C09 Datasheet HTML 41Page - GSI Technology GS4288C09 Datasheet HTML 42Page - GSI Technology GS4288C09 Datasheet HTML 43Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Recommended DC Operating Conditions and Electrical Characteristics
Description
Conditions
Symbol
Min.
Max.
Unit
Notes
Supply Voltage
—
VEXT
2.38
2.63
V
—
Supply Voltage
—
VDD
1.7
1.9
V
2
Isolated Output Buffer Supply
—
VDDQ
1.4
VDD
V
2, 3
Reference Voltage
—
VREF
0.49 * VDDQ
0.51 * VDDQ
V
4, 5, 6
Termination Voltage
—
VTT
0.95 * VREF
1.05 * VREF
V
7, 8
Input High (logic 1) voltage
—
VIH(DC)
VREF + 0.1
VDDQ + 0.3
V
2
Input Low (logic 0) voltage
—
VIL(DC)
VSS – 0.3
VREF – 0.1
V
2
Ouput High Current
VOUT = VDDQ/2
IOH
(VDDQ/2)/(1.15 * RQ/5)
(VDDQ/2)/(0.85 * RQ/5)
A
9, 10, 11
Ouput Low Current
VOUT = VDDQ/2
IOL
(VDDQ/2)/(1.15 * RQ/5)
(VDDQ/2)/(0.85 * RQ/5)
A
9, 10, 11
Clock Input Leakage Current
0 V
 VIN VDD
ILC
–5
5
A
—
Input Leakage Current
0 V
 VIN VDD
ILI
–5
5
A
—
Output Leakage Current
0 V
 VIN VDDQ
ILO
–5
5
A
—
Reference Voltage Current
—
IREF
–5
5
A
—
Notes:
1. All voltages referenced to VSS (GND). This note applies to the entire table.
2. Overshoot VIH(AC)  VDD+ 0.7 V for t  tCK/2. Undershoot: VIL(AC)  –0.5 V for t  tCK/2. During normal operation VDDQ must not exceed
VDD. Control input signals may not have pulse widthts less than tCK/2 or operate at frequencies exceeding tCK (MAX).
3. VDDQ can be set to a nominal 1.5 V ± 0.1 V or 1.8 V ± 0.1 V supply.
4. Typically the value of VREF is expected to be 0.5 * VDDQ of the transmitting device. VREF is expected to track variations in VDDQ.
5. Peak-to-Peak AC noise on VREF must not exceed ±2% of VREF(DC).
6. VREF is expected to equal VDDQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise 
(non-common mode) on VREF may not exceed ±2% of the DC value. Thus, from VDDQ/2, VREF is allowed ±2% VDDQ/2 for DC error and an
addtional ±2% VDDQ/2 for AC noise. This measurement is to be taken at the nearest VREF bypass capacitor.
7. VTT is expected to be set equal to VREF and must track variations in the DC level of VREF.
8. On-die termination may be selected using Mode Register Bit 9 (M9). A resistance RTT from each data input signal to the nearest VTT can be
enabled. RTT = 125–185at 95° C TC.
9. IOH and IOL are defined as absolute values and are measured at VDDQ/2. IOH flows from the device, IOL flows into the device.
10. If Mode Register Bit 8 (M8) is 0, use RQ = 250
in the equation in lieu of presence of an external impedance matched resistor.
11. For VOL and VOH, refer to the LLDRAM II IBIS models.
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
39/62
© 2011, GSI Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com