Electronic Components Datasheet Search
  English  ▼

X  

GS4288C09 Datasheet(PDF) 53 Page - GSI Technology

Part # GS4288C09
Description  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Datasheet(HTML) 53 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 49Page - GSI Technology GS4288C09 Datasheet HTML 50Page - GSI Technology GS4288C09 Datasheet HTML 51Page - GSI Technology GS4288C09 Datasheet HTML 52Page - GSI Technology GS4288C09 Datasheet HTML 53Page - GSI Technology GS4288C09 Datasheet HTML 54Page - GSI Technology GS4288C09 Datasheet HTML 55Page - GSI Technology GS4288C09 Datasheet HTML 56Page - GSI Technology GS4288C09 Datasheet HTML 57Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
x1 .
.
.
.
.
2
1
0
31 30 29 .
.
.
2
1
0
0
7
6
5
4
3
2
1
0
Selection
circuitry
Selection
circuitry
TDO
TDI
Bypass Regsiter
Instruction Regsiter
Identification Regsiter
Boundary Scan Regsiter
TCK
TMS
TAP Controller
Note:
x= 112 for all configurations
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
53/62
© 2011, GSI Technology
TAP Controller Block Diagram
Performing a TAP RESET
A reset is performed by forcing TMS High (VDDQ) for five rising edges of TCK. This RESET does not affect the operation of the
LLDRAM II and may be performed while the LLDRAM II is operating.
At power-up, the TAP is reset internally to ensure that TDO comes up in a High-Z state.
TAP Registers
Registers are connected between the TDI and TDO balls and allow data to be scanned into and out of the LLDRAM II test
circuitry. Only one register can be selected at a time through the instruction register. Data is serially loaded into the TDI ball on the
rising edge of TCK. Data is output on the TDO ball on the falling edge of TCK.
Instruction Register
Eight-bit instructions can be serially loaded into the instruction register. This register is loaded during the Update-IR state of the
TAP controller. Upon power-up, the instruction register is loaded with the IDCODE instruction. It is also loaded with the IDCODE
instruction if the controller is placed in a reset state as described in the previous section.
When the TAP controller is in the Capture-IR state, the two LSBs are loaded with a binary “01” pattern to allow for fault isolation
of the board-level serial test data path.
Bypass Register
To save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. The bypass register is
a single-bit register that can be placed between the TDI and TDO balls. This allows data to be shifted through the LLDRAM II with
minimal delay. The bypass register is set Low (VSS) when the BYPASS instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com