Electronic Components Datasheet Search
  English  ▼

X  

GS4288C09 Datasheet(PDF) 49 Page - GSI Technology

Part # GS4288C09
Description  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Datasheet(HTML) 49 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 45Page - GSI Technology GS4288C09 Datasheet HTML 46Page - GSI Technology GS4288C09 Datasheet HTML 47Page - GSI Technology GS4288C09 Datasheet HTML 48Page - GSI Technology GS4288C09 Datasheet HTML 49Page - GSI Technology GS4288C09 Datasheet HTML 50Page - GSI Technology GS4288C09 Datasheet HTML 51Page - GSI Technology GS4288C09 Datasheet HTML 52Page - GSI Technology GS4288C09 Datasheet HTML 53Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
49/62
© 2011, GSI Technology
Read Data Valid Window for x18 Device
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
X"ZZZ"
X"155"
X"0AA"
X"ZZZ"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
B"1"
B"0"
B"0"
B"1"
X"ZZZ"
X"0AA"
X"155"
X"ZZZ"
tQKQ1(Min)
tDVW3
tQKQ0(Max)
tDVW3
tQKQ1(Min)
tDVW3
tQKQ1(Max)
tDVW3
tQKQ1(Min)
tQHP1
tQHP1
tQHP1
tQHP1
tQKQ0(Min)
tQKQ0(Min)
tDVW3
tQKQ0(Max)
tDVW3
tQKQ0(Min)
tQKQ0(Min)
tDVW3
tQKQ0(Max)
tDVW3
tQKQ0(Min)
tQKQ0(Min)
tQHP1
tQHP1
tQHP1
tQHP1
QK0
QK0
DQ_Lower_0
DQ_Lower_1
DQ_Lower_2
DQ_Lower_3
DQ_Lower_4
DQ_Lower_5
DQ_Lower_6
DQ_Lower_7
DQ_Lower_8
DQ_Lower
QK1
QK1
DQ_Upper_9
DQ_Upper_10
DQ_Upper_11
DQ_Upper_12
DQ_Upper_13
DQ_Upper_14
DQ_Upper_15
DQ_Upper_16
DQ_Upper_17
DQ_Upper
Notes:
1. tQHP is defined as the lesser of tQKH or tQKL.
2. tQKQ0 is referenced to DQ0–DQ8.
3. Minimum data valid window (tDVW) can be expressed as tQHP – (tQKQx [MAX] + |tQKQx [MIN]|).
4. tQKQ1 is referenced to DQ9–DQ17.
5. tQKQ takes into account the skew between any QKx and any DQ.
Read Burst Timing
Q0
Q1
Q2
Q3
tDVW
tDVW
tQKQmin
tQKQmax
tQKVLDmin
tQKVLDmax
tQKH
tQKH
tQKL
tQKL
tCKQK
tCK
tCK
tCKL
tCKL
tCKH
tCKH
CK
CK
QKx
QKx
QVLD
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com