| Electronic Components Datasheet Search |
|
GS4288C09 Datasheet(PDF) 14 Page - GSI Technology |
|
|
|||||||||||||||||||||||||||||
GS4288C09 Datasheet(HTML) 14 Page - GSI Technology |
|
14 / 62 page ![]() GS4288C09/18/36L Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 7/2014 14/62 © 2011, GSI Technology Commands Valid control commands are listed below. Any input commands not shown are illegal or reserved. All inputs must meet specified setup and hold times around the true crossing of CK. Description of Commands Command Description Notes DSEL/NOP The NOP command is used to perform a no operation to the LLDRAM II, which essentially deselects the chip. Use the NOP command to prevent unwanted commands from being registered during idle or wait states. Operations already in progress are not affected. Output values depend on command history. 1 MRS The Mode Register is set via the address inputs A0–A17. See the Mode Register Definition diagrams for further information. The MRS command can only be issued when all banks are idle and no bursts are in progress. — READ The Read command is used to initiate a burst read access to a bank. The value on the BA0–BA2 inputs selects the bank, and the address provided on inputs A0–An selects the data location within the bank. 2 WRITE The Write command is used to initiate a burst write access to a bank. The value on the BA0–BA2 inputs selects the bank, and the address provided on inputs A0–An selects the data location within the bank. Input data appearing on the DQ is written to the memory array subject to the DM input logic level appearing coincident with the data. If the DM signal is registered Low, the corresponding data will be written to memory. If the DM signal is registered High, the corresponding data inputs will be ignored (that is, this part of the data word will not be written). 2 AREF The AREF command is used during normal operation of the LLDRAM II to refresh the memory content of a bank. The command is non-persistent, so it must be issued each time a refresh is required. The value on the BA0–BA2 inputs selects the bank. The refresh address is generated by an internal refresh controller, effectively making each address bit a “Don’t Care” during the AREF command. See the Auto Refresh section for more details. — Notes: 1. When the chip is deselected, internal NOP commands are generated and no commands are accepted. 2. For the value of “n”, see Address Widths at Different Burst Lengths table. Command Table Operation Command CS WE REF A0–An BA0–BA2 Device Deselect/No Operation DSEL/NOP H X X X X 1 MRS MRS L L L CODE X 1, 3 Read READ L H H A BA 1, 2 Write WRITE L L H A BA 1, 2 Auto Refresh AREF L H L X BA 1 Notes: 1. X= Don’t Care; H = Logic High; L = Logic Low; A = Valid Address; BA = Valid Bank Address. 2. For the value of “n”, see Address Widths at Different Burst Lengths table. 3. Only A0–A17 are used for the MRS command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |