Electronic Components Datasheet Search
  English  ▼

X  

MSC1210Y2 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2 Datasheet(HTML) 65 Page - Texas Instruments

Back Button MSC1210Y2 Datasheet HTML 61Page - Texas Instruments MSC1210Y2 Datasheet HTML 62Page - Texas Instruments MSC1210Y2 Datasheet HTML 63Page - Texas Instruments MSC1210Y2 Datasheet HTML 64Page - Texas Instruments MSC1210Y2 Datasheet HTML 65Page - Texas Instruments MSC1210Y2 Datasheet HTML 66Page - Texas Instruments MSC1210Y2 Datasheet HTML 67Page - Texas Instruments MSC1210Y2 Datasheet HTML 68Page - Texas Instruments MSC1210Y2 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
65
Timer 2 Control (T2CON)
7
6
5
4
3
2
1
0
Reset Value
SFR C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00h
TF2
Timer 2 Overflow Flag. This flag will be set when Timer 2 overflows from FFFFh. It must be cleared by software.
bit 7
TF2 will only be set if RCLK and TCLK are both cleared to 0. Writing a 1 to TF2 forces a Timer 2 interrupt if enabled.
EXF2
Timer 2 External Flag. A negative transition on the T2EX pin (P1.1) will cause this flag to be set based on the EXEN2
bit 6
(T2CON.3) bit. If set by a negative transition, this flag must be cleared to 0 by software. Setting this bit in software
will force a timer interrupt if enabled.
RCLK
Receive Clock Flag. This bit determines the serial Port 0 timebase when receiving data in serial modes 1 or 3.
bit 5
0 = Timer 1 overflow is used to determine receiver baud rate for USART0.
1 = Timer 2 overflow is used to determine receiver baud rate for USART0.
Setting this bit will force Timer 2 into baud rate generation mode. The timer will operate from a divide by 2 of the
external clock.
TCLK
Transmit Clock Flag. This bit determines the serial Port 0 timebase when transmitting data in serial modes 1 or 3.
bit 4
0 = Timer 1 overflow is used to determine transmitter baud rate for USART0.
1 = Timer 2 overflow is used to determine transmitter baud rate for USART0.
Setting this bit will force Timer 2 into baud rate generation mode. The timer will operate from a divide by 2 of the
external clock.
EXEN2
Timer 2 External Enable. This bit enables the capture/reload function on the T2EX pin if Timer 2 is not generating
bit 3
baud rates for the serial port.
0 = Timer 2 will ignore all external events at T2EX.
1 = Timer 2 will capture or reload a value if a negative transition is detected on the T2EX pin.
TR2
Timer 2 Run Control. This bit enables/disables the operation of Timer 2. Halting this timer will preserve the current
bit 2
count in TH2, TL2.
0 = Timer 2 is halted.
1 = Timer 2 is enabled.
C/T2
Counter/Timer Select. This bit determines whether Timer 2 will function as a timer or counter. Independent of this
bit 1
bit, Timer 2 runs at 2 clocks per tick when used in baud rate generator mode.
0 = Timer 2 functions as a timer. The speed of Timer 2 is determined by the T2M bit (CKCON.5).
1 = Timer 2 will count negative transitions on the T2 pin (P1.0).
CP/RL2
Capture/Reload Select. This bit determines whether the capture or reload function is used for Timer 2. If either RCLK
bit 0
or TCLK is set, this bit will not function and the timer will function in an auto-reload mode following each overflow.
0 = Auto-reloads will occur when Timer 2 overflows or a falling edge is detected on T2EX if EXEN2 = 1.
1 = Timer 2 captures will occur when a falling edge is detected on T2EX if EXEN2 = 1.
Timer 2 Capture LSB (RCAP2L)
7
6
5
4
3
2
1
0
Reset Value
SFR CAh
00h
RCAP2L
Timer 2 Capture LSB. This register is used to capture the TL2 value when Timer 2 is configured in capture mode.
bits 7−0
RCAP2L is also used as the LSB of a 16-bit reload value when Timer 2 is configured in auto-reload mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com