Electronic Components Datasheet Search
  English  ▼

X  

MSC1210Y2 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSC1210Y2 Datasheet HTML 17Page - Texas Instruments MSC1210Y2 Datasheet HTML 18Page - Texas Instruments MSC1210Y2 Datasheet HTML 19Page - Texas Instruments MSC1210Y2 Datasheet HTML 20Page - Texas Instruments MSC1210Y2 Datasheet HTML 21Page - Texas Instruments MSC1210Y2 Datasheet HTML 22Page - Texas Instruments MSC1210Y2 Datasheet HTML 23Page - Texas Instruments MSC1210Y2 Datasheet HTML 24Page - Texas Instruments MSC1210Y2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
21
CLK
instr_cycle
cpu_cycle
C1
C2
C3
C4
C1
C2
C3
C4
C1
n+ 1
n + 2
Figure 9. Instruction Timing Cycle
ENHANCED 8051 CORE
All instructions in the MSC1210 family perform exactly the
same functions as they would in a standard 8051. The
effect on bits, flags, and registers is the same. However,
the timing is different. The MSC1210 family utilizes an
efficient 8051 core which results in an improved instruction
execution speed of between 1.5 and 3 times faster than the
original core for the same external clock speed (4 clock
cycles per instruction versus 12 clock cycles per
instruction, as shown in Figure 9). The internal system
clock is equal to the external oscillator frequency. This
translates into an effective throughput improvement of
more than 2.5 times, using the same code and same
external clock speed.
Therefore, a device frequency of 33MHz for the
MSC1210Yx actually performs at an equivalent execution
speed of 82.5MHz compared to the standard 8051 core.
This allows the user to run the device at slower external
clock speeds which reduces system noise and power
consumption, but provides greater throughput. This
performance difference can be seen in Figure 10. The
timing of software loops will be faster with the MSC1210.
However, the timer/counter operation of the MSC1210
may be maintained at 12 clocks per increment or optionally
run at 4 clocks per increment.
The MSC1210 also provides dual data pointers (DPTRs)
to speed block Data Memory moves.
Additionally, it can stretch the number of memory cycles to
access external Data Memory from between two and nine
instruction cycles in order to accommodate different
speeds of memory or devices, as shown in Table 1. The
MSC1210 provides an external memory interface with a
16-bit address bus (P0 and P2). The 16-bit address bus
makes it necessary to multiplex the low address byte
through the P0 port. To enhance P0 and P2 for high-speed
memory access, hardware configuration control is
provided
to
configure
the
ports
for
external
memory/peripheral interface or general-purpose I/O.
Furthermore, improvements were made to peripheral
features that off-load processing from the core, and the
user, to further improve efficiency. For instance, 32-bit
accumulation can be done through the summation register
to significantly reduce the processing overhead for the
multiple byte data from the ADC or other sources. This
allows for 32-bit addition and shifting to be accomplished
in a few instruction cycles, compared to hundreds of
instruction cycles through a software implementation.
Table 1. Memory Cycle Stretching. Stretching of
MOVX timing as defined by MD2, MD1, and MD0
bits in CKCON register (address 8Eh).
CKCON
(8Eh)
MD2:MD0
INSTRUCTION
CYCLES
(for MOVX)
RD or WR
STROBE WIDTH
(SYS CLKs)
RD or WR
STROBE WIDTH
(
ms) AT 12MHz
000
2
2
0.167
001
3 (default)
4
0.333
010
4
8
0.667
011
5
12
1.000
100
6
16
1.333
101
7
20
1.667
110
8
24
2.000
111
9
28
2.333
ALE
PSEN
AD0−AD7
PORT 2
ALE
PSEN
AD0−AD7
PORT 2
CLK
Single−Byte, Single−Cycle
Instruction
Instruction
12 Cycles
4 Cycles
Single−Byte, Single−Cycle
Figure 10. Comparison of MSC1210 Timing to
Standard 8051 Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com