Electronic Components Datasheet Search
  English  ▼

X  

MSC1210Y2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSC1210Y2 Datasheet HTML 3Page - Texas Instruments MSC1210Y2 Datasheet HTML 4Page - Texas Instruments MSC1210Y2 Datasheet HTML 5Page - Texas Instruments MSC1210Y2 Datasheet HTML 6Page - Texas Instruments MSC1210Y2 Datasheet HTML 7Page - Texas Instruments MSC1210Y2 Datasheet HTML 8Page - Texas Instruments MSC1210Y2 Datasheet HTML 9Page - Texas Instruments MSC1210Y2 Datasheet HTML 10Page - Texas Instruments MSC1210Y2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
7
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, fOSC = 1MHz, unless otherwise specified.
MSC1210Yx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL POWER-SUPPLY REQUIREMENTS
Digital Power-Supply Voltage
DVDD
2.7
3.0
3.6
V
Normal Mode, fOSC = 1MHz
1.4
1.6
mA
Normal Mode, fOSC = 8MHz
8
9
mA
Crystal Operation Stop Mode(1)
1
µA
Digital Power-Supply Current
DVDD
4.75
5.0
5.25
V
Digital Power-Supply Current
Normal Mode, fOSC = 1MHz
2
2.2
mA
Normal Mode, fOSC = 8MHz
17
18
mA
Crystal Operation Stop Mode(1)
1
µA
DIGITAL INPUT/OUTPUT (CMOS)
Logic Level
VIH (except XIN pin)
0.6
• DVDD
DVDD
V
Logic Level
VIL (except XIN pin)
DGND
0.2
• DVDD
V
I/O Pin Hysteresis
700
mV
Ports 0−3, Input Leakage Current, Input Mode
VIH = DVDD or VIH = 0V
< 1
pA
Pins EA, XIN Input Leakage Current
< 1
pA
VOL, ALE, PSEN, Ports 0−3, All Output Modes
IOL = 1mA
DGND
0.4
V
VOL, ALE, PSEN, Ports 0−3, All Output Modes
IOL = 30mA
1.5
V
VOH, ALE, PSEN, Ports 0−3, Strong Drive Output
IOH = 1mA
DVDD − 0.4
DVDD − 0.1
DVDD
V
VOH, ALE, PSEN, Ports 0−3, Strong Drive Output
IOH = 30mA
DVDD − 1.5
V
Ports 0−3, Pull-Up Resistors
9
k
Ω
Pins ALE, PSEN, Pull-Up Resistors
Flash Programming Mode Only
9
k
Ω
Pin RST, Pull-Down Resistor
500
k
Ω
(1)
Digital Brownout Detect disabled (HCR1.2 = 1), Low Voltage Detect disabled (LVDCON.3 =1). Ports configured for input or CMOS output.
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
MSC1210Yx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
cycles
Flash Memory Data Retention
100
years
Mass and Page Erase Time
Set with FER in FTCON
10
ms
Flash Memory Write Time
Set with FWR in FTCON
30
40
µs
Flash Programming Current
DVDD = 3.0V
10
mA
Flash Programming Current
DVDD = 5.0V
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com