Electronic Components Datasheet Search
  English  ▼

X  

MSC1210Y2 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2 Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSC1210Y2 Datasheet HTML 23Page - Texas Instruments MSC1210Y2 Datasheet HTML 24Page - Texas Instruments MSC1210Y2 Datasheet HTML 25Page - Texas Instruments MSC1210Y2 Datasheet HTML 26Page - Texas Instruments MSC1210Y2 Datasheet HTML 27Page - Texas Instruments MSC1210Y2 Datasheet HTML 28Page - Texas Instruments MSC1210Y2 Datasheet HTML 29Page - Texas Instruments MSC1210Y2 Datasheet HTML 30Page - Texas Instruments MSC1210Y2 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
27
MEMORY MAP
The MSC1210 contains on-chip SFR, Flash Memory,
Scratchpad SRAM Memory, Boot ROM, and SRAM. THe
SFR registers are primarily used for control and status.
The standard 8051 features and additional peripheral
features of the MSC1210 are controlled through the SFR.
Reading from an undefined SFR and writing to undefined
SFR registers is not recommended, and will have
indeterminate effects.
Flash Memory is used for both Program Memory and Data
Memory. The user has the ability to select the partition size
of Program and Data Memories. The partition size is set
through
hardware
configuration
bits,
which
are
programmed
through
either
the
parallel
or
serial
programming methods. Both Program and Data Flash
Memories are erasable and writable (programmable) in
User
Application mode (UAM). However, program
execution can only occur from Program Memory. As an
added precaution, a lock feature can be activated through
the hardware configuration bits, which disables erase and
writes to 4kB of Program Flash Memory or the entire
Program Flash Memory in UAM.
The MSC1210 includes 1kB of SRAM on-chip. SRAM
starts at address 0 and is accessed through the MOVX
instruction. This SRAM can also be located to start at
8400h and can be accessed as both Program and Data
Memory.
FLASH MEMORY
The MSC1210 uses a memory addressing scheme that
separates Program Memory (FLASH/ROM) from Data
Memory (FLASH/RAM). Each area is 64kB beginning at
address 0000h and ending at FFFFh, as shown in
Figure 18. The program and data segments can overlap
since they are accessed in different ways. Program
Memory is fetched by the microcontroller automatically.
There is one instruction (MOVC) that is used to explicitly
read the program area. This is commonly used to read
lookup tables.
The Data Memory area is accessed explicitly using the
MOVX instruction. This instruction provides multiple ways
of specifying the target address. It is used to access the
64kB of Data Memory. The address and data range of
devices with on-chip Program and Data Memory overlap
the 64kB memory space. When on-chip memory is
enabled, accessing memory in the on-chip range will
cause the device to access internal memory. Memory
accesses beyond the internal range will be addressed
externally via Ports 0 and 2.
The MSC1210 has two Hardware Configuration registers
(HCR0 and HCR1) that are programmable only during
Flash Memory Programming mode.
1k RAM or External
1k RAM or External
1k RAM or External
External Memory
0000h, 0k
2000h, 8k (Y3)
1000h, 4k (Y2)
4000h, 16k (Y4)
8400h, 33k (Y5)
8000h, 32k (Y5)
2k Internal Boot ROM
F800h
FFFFh
External
Program
Memory
Can Be Mapped to
Either Memory Space
8800h
0400h, 1k
1400h, 5k (Y2)
2400h, 9k (Y3)
4400h, 17k (Y4)
8400h, 33k (Y5)
FFFFh
External
Data
Memory
Program
Memory
Data
Memory
8800h
On−Chip
Flash
On−Chip
Flash
Figure 18. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com