Electronic Components Datasheet Search
  English  ▼

X  

MSC1210Y2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSC1210Y2 Datasheet HTML 9Page - Texas Instruments MSC1210Y2 Datasheet HTML 10Page - Texas Instruments MSC1210Y2 Datasheet HTML 11Page - Texas Instruments MSC1210Y2 Datasheet HTML 12Page - Texas Instruments MSC1210Y2 Datasheet HTML 13Page - Texas Instruments MSC1210Y2 Datasheet HTML 14Page - Texas Instruments MSC1210Y2 Datasheet HTML 15Page - Texas Instruments MSC1210Y2 Datasheet HTML 16Page - Texas Instruments MSC1210Y2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
13
PIN DESCRIPTIONS
PIN #
NAME
DESCRIPTION
1
XOUT
The crystal oscillator pin XOUT supports parallel resonant AT cut fundamental frequency crystals and ceramic
resonators. XOUT serves as the output of the crystal amplifier.
2
XIN
The crystal oscillator pin XIN supports parallel resonant AT cut fundamental frequency crystals and ceramic
resonators. XIN can also be an input if there is an external clock source instead of a crystal.
3−10
P3.0–P3.7
Port 3 is a bidirectional I/O port. The alternate functions for Port 3 are listed below.
3−10
P3.0–P3.7
PORT 3.x
Alternate Name(s)
Alternate Use
P3.0
RxD0
Serial port 0 input
P3.1
TxD0
Serial port 0 output
P3.2
INT0
External interrupt 0
P3.3
INT1/TONE/PWM
External interrupt 1/TONE/PWM output
P3.4
T0
Timer 0 external input
P3.5
T1
Timer 1 external input
P3.6
WR
External data memory write strobe
P3.7
RD
External data memory read strobe
11, 14, 15, 42, 58
DVDD
Digital power supply
12, 41, 57
DGND
Digital ground
13
RST
A HIGH on the reset input for two tOSC periods resets the device.
16, 32, 33
NC
No connection
17, 27
AGND
Analog ground
18
AIN0
Analog input channel 0
19
AIN1
Analog input channel 1
20
AIN2
Analog input channel 2
21
AIN3
Analog input channel 3
22
AIN4
Analog input channel 4
23
AIN5
Analog input channel 5
24
AIN6, EXTD
Analog input channel 6, digital low-voltage detect input, generates DLVD interrupt
25
AIN7, EXTA
Analog input channel 7, analog low-voltage detect input, generates ALVD interrupt
26
AINCOM
Analog common for single-ended inputs or analog input for differential inputs
28
AVDD
Analog power supply. AVDD must rise above 2.0V to disable Analog Brownout Reset function.
29
REF IN–
Voltage reference negative input (must be tied to AGND for internal VREF)
30
REF IN+
Voltage reference positive input
31
REF OUT
Voltage reference output (tie to REF IN+ for internal VREF use)
34−40, 43
P2.0−P2.7
Port 2 is a bidirectional I/O port. The alternate functions for Port 2 are listed below. Refer to P2DDR, SFR B1h−B2h.
34−40, 43
P2.0−P2.7
PORT 2.x
Alternate Name
Alternate Use
P2.0
A8
Address bit 8
P2.1
A9
Address bit 9
P2.2
A10
Address bit 10
P2.3
A11
Address bit 11
P2.4
A12
Address bit 12
P2.5
A13
Address bit 13
P2.6
A14
Address bit 14
P2.7
A15
Address bit 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com