Electronic Components Datasheet Search
  English  ▼

X  

MSC1210Y2 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2 Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSC1210Y2 Datasheet HTML 31Page - Texas Instruments MSC1210Y2 Datasheet HTML 32Page - Texas Instruments MSC1210Y2 Datasheet HTML 33Page - Texas Instruments MSC1210Y2 Datasheet HTML 34Page - Texas Instruments MSC1210Y2 Datasheet HTML 35Page - Texas Instruments MSC1210Y2 Datasheet HTML 36Page - Texas Instruments MSC1210Y2 Datasheet HTML 37Page - Texas Instruments MSC1210Y2 Datasheet HTML 38Page - Texas Instruments MSC1210Y2 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
35
SFR Definitions (Boldface definitions indicate that the register is unique to the MSC1210Yx)
ADDRESS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RESET VALUES
80h
P0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
FFh
81h
SP
07h
82h
DPL0
00h
83h
DPH0
00h
84h
DPL1
00h
85h
DPH1
00h
86h
DPS
0
0
0
0
0
0
0
SEL
00h
87h
PCON
SMOD
0
1
1
GF1
GF0
STOP
IDLE
30h
88h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00h
89h
TMOD
−−−−−−−−−−−−−−− Timer 1 −−−−−−−−−−−−−−−
−−−−−−−−−−−−−−− Timer 0 −−−−−−−−−−−−−−−
00h
89h
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00h
8Ah
TL0
00h
8Bh
TL1
00h
8Ch
TH0
00h
8Dh
TH1
00h
8Eh
CKCON
0
0
T2M
T1M
T0M
MD2
MD1
MD0
01h
8Fh
MWS
0
0
0
0
0
0
0
MXWS
00h
90h
P1
P1.7
INT5/SCK
P1.6
INT4/MISO
P1.5
INT3/MOSI
P1.4
INT2/SS
P1.3
TXD1
P1.2
RXD1
P1.1
T2EX
P1.0
T2
FFh
91h
EXIF
IE5
IE4
IE3
IE2
1
0
0
0
08h
92h
MPAGE
00h
93h
CADDR
00h
94h
CDATA
00h
95h
MCON
BPSEL
0
0
RAMMAP
00h
96h
00h
97h
98h
SCON0
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00h
99h
SBUF0
00h
9Ah
SPICON
SCK2
SCK1
SCK0
0
ORDER
MSTR
CPHA
CPOL
00h
9Bh
SPIDATA
00h
9Dh
SPITCON
CLK_EN
DRV_DLY
DRV_EN
00h
A0h
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
FFh
A1h
PWMCON
PPOL
PWMSEL
SPDSEL
TPCNTL2
TPCNTL1
TPCNTL0
00h
A2h
PWMLOW
TONELOW
PWM7
TDIV7
PWM6
TDIV6
PWM5
TDIV5
PWM4
TDIV4
PWM3
TDIV3
PWM2
TDIV2
PWM1
TDIV1
PWM0
TDIV0
00h
A3h
PWMHI
TONEHI
PWM15
TDIV15
PWM14
TDIV14
PWM13
TDIV13
PWM12
TDIV12
PWM11
TDIV11
PWM10
TDIV10
PWM9
TDIV9
PWM8
TDIV8
00h
A4h
A5h
PAI
0
0
0
0
PAI3
PAI2
PAI1
PAI0
00h
A6h
AIE
ESEC
ESUM
EADC
EMSEC
ESPIT
ESPIR
EALV
EDLVB
00h
A7h
AISTAT
SEC
SUM
ADC
MSEC
SPIT
SPIR
ALVD
DLVD
00h
A8h
IE
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
00h
A9h
BPCON
BP
0
0
0
0
0
PMSEL
EBP
00h
AAh
BPL
00h
ABh
BPH
00h
ACh
P0DDRL
P03H
P03L
P02H
P02L
P01H
P01L
P00H
P00L
00h
ADh
P0DDRH
P07H
P07L
P06H
P06L
P05H
P05L
P04H
P04L
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com