Electronic Components Datasheet Search
  English  ▼

X  

OPA2846 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 4Page - Texas Instruments OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments OPA2846 Datasheet HTML 10Page - Texas Instruments OPA2846 Datasheet HTML 11Page - Texas Instruments OPA2846 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
120
110
100
90
80
70
60
50
40
30
20
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
102
104
105
103
106
107
108
CMRR
+PSRR
−PSRR
4
3
2
1
0
−1
−2
−3
−4
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−150
−100
−50
0
50
100
150
R
L =100Ω
R
L =25Ω
R
L =50Ω
10
8
6
4
2
0
−2
−4
−6
−8
−10
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
NONINVERTING OVERDRIVE RECOVERY
Time (50ns/div)
SeeFigure1
G= +10V/V
R
L =100Ω
Output
Input
0
50
100 150 200 250 300 350 400 450 500
120
100
80
60
40
20
0
−20
0
−30
−60
−90
−120
−150
−180
−210
OPEN−LOOP GAIN AND PHASE
Frequency (Hz)
102
104
105
103
106
107
108
109
20log (AOL)
∠A
OL
10
1
0.1
0.01
0.001
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
102
104
105
103
106
107
108
453
Ω
1/2
O PA 2846
Z
O
50
Ω
10
8
6
4
2
0
−2
−4
−6
−8
−10
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
INVERTING OVERDRIVE RECOVERY
Time (50ns/div)
SeeFigure2
G=
−20V/V
R
L =100Ω
Output
Input
0
50
100 150 200 250 300 350 400 450 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com