Electronic Components Datasheet Search
  English  ▼

X  

OPA2846 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2846 Datasheet HTML 1Page - Texas Instruments OPA2846 Datasheet HTML 2Page - Texas Instruments OPA2846 Datasheet HTML 3Page - Texas Instruments OPA2846 Datasheet HTML 4Page - Texas Instruments OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are 100% tested at +25
°C.
RF = 453Ω, RL = 100Ω, and G = +10, unless otherwise noted. See Figure 1 for AC performance.
OPA2846ID
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C(1)
0
°C to
+70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC Performance (see Figure 1)
Closed-Loop Bandwidth
G = +7, RG = 50Ω, VO = 200mVPP
425
MHz
typ
C
G = +10, RG = 50Ω, VO = 200mVPP
300
250
225
200
MHz
min
B
G = +20, RG = 50Ω, VO = 200mVPP
100
80
76
70
MHz
min
B
Gain Bandwidth Product
G
≥ +40
1650
1250
1225
1200
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +10, RL = 100Ω, VO = 200mVPP
100
40
35
30
MHz
min
B
Peaking at a Gain of +7
3
dB
typ
C
Harmonic Distortion
G = +10, f = 5MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω
−76
−70
−68
−66
dBc
max
B
RL = 500Ω
−100
−89
−87
−85
dBc
max
B
3rd-Harmonic
RL = 100Ω
−109
−95
−92
−90
dBc
max
B
RL = 500Ω
−112
−105
−101
−96
dBc
max
B
2-Tone, 3rd-Order Intercept
G = +10, f = 10MHz
44
41
40
38
dBm
min
B
Input Voltage Noise
f > 1MHz
1.2
1.3
1.4
1.5
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.8
3.5
3.6
3.6
pA/
√Hz
max
B
Rise-and-Fall Time
0.2V Step
1.3
1.6
1.7
1.9
ns
max
B
Slew Rate
2V Step
600
500
400
350
V/
µs
min
B
Settling Time to 0.01%
2V Step
18
ns
typ
C
0.1%
2V Step
12
14
16
18
ns
max
B
1%
2V Step
8
10
12
14
ns
max
B
Differential Gain
G = +10, NTSC, RL = 150Ω
0.02
%
typ
C
Differential Phase
G = +10, NTSC, RL = 150Ω
0.02
deg
typ
C
Channel-to-Channel Crosstalk
Input Referrred, f = 5MHz
−60
dBc
typ
C
DC Performance(4)
Open-Loop Voltage Gain (AOL)
VO = 0V
90
82
81
80
dB
min
A
Input Offset Voltage
VCM = 0V
±0.15
±0.65
±0.73
±0.76
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±0.5
±1.6
±1.6
±1.6
µV/°C
max
B
Input Bias Current
VCM = 0V
−10
−20
−20.8
−21.2
µΑ
max
A
Input Bias Current Drift
VCM = 0V
±1
±20
±20
±35
nA/
°C
max
B
Input Offset Current
VCM = 0V
±0.1
±0.4
±0.5
±0.6
µΑ
max
A
Input Offset Current Drift
VCM = 0V
±0.7
±3.0
±3.0
±3.5
nA/
°C
max
B
Input
Common-Mode Input Range (CMIR)(5)
±3.2
±3.0
±2.9
±2.8
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = ±1V, Input Referred
110
95
93
90
dB
min
A
Input Impedance
Differential-Mode
VCM = 0V
6.6
 2.0
k
Ω  pF
typ
C
Common-Mode
VCM = 0V
4.7
 1.8
M
Ω  pF
typ
C
Output
Output Voltage Swing
≥ 400Ω Load
±3.4
±3.3
±3.2
±3.1
V
min
A
100
Ω Load
±3.3
±3.2
±3.0
±2.9
V
min
A
Current Output, Sourcing
VO = 0V
80
65
61
60
mA
min
A
Current Output, Sinking
VO = 0V
−80
−65
−61
−60
mA
min
A
Closed-Loop Output Impedance
G = +10, f = 100kHz
0.008
Ω
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com