Electronic Components Datasheet Search
  English  ▼

X  

OPA2846 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments OPA2846 Datasheet HTML 10Page - Texas Instruments OPA2846 Datasheet HTML 11Page - Texas Instruments OPA2846 Datasheet HTML 12Page - Texas Instruments OPA2846 Datasheet HTML 13Page - Texas Instruments OPA2846 Datasheet HTML 14Page - Texas Instruments OPA2846 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
11
TYPICAL CHARACTERISTICS: VS = ±5V, DIFFERENTIAL CONFIGURATION
TA = 25°C, G = +10, RF = 1kΩ, RG = 50Ω, and RL = 400Ω, unless otherwise noted.
DIFFERENTIAL PERFORMANCE TEST CIRCUIT
RF
1k
Ω
OPA2846
+5V
VO
VI
RG
50
Ω
RF
1k
Ω
RL
400
Ω
OPA2846
−5V
RG
50
Ω
Gain =
=GD
=
RF
RG
VO
VI
29
26
23
20
17
14
DIFFERENTIAL LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
V
O =5VPP
V
O =8VPP
V
O =0.4VPP
G
D =+20V/V
R
L =400Ω
−65
−75
−85
−95
−105
−115
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
110
100
2nd−Harmonic
G
D =+20V/V
R
L =400Ω
V
O =4VPP
3rd−Harmonic
3
0
−3
−6
−9
−12
−15
−18
DIFFERENTIAL SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
110
100
500
G
D =+30V/V
G
D =+40V/V
G
D =+10V/V
G
D =+20V/V
R
L =400Ω
V
O =400mVPP
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
−110
−115
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Resistance (
Ω )
50
100
150
200
250
300
350
400
450
500
2nd−Harmonic
3rd−Harmonic
V
O =4VPP
G= 20V/V
−75
−80
−85
−90
−95
−100
−105
−110
−115
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
110
2nd−Harmonic
G= +20V/V
f=5MHz
R
L = 400Ω
3rd−Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com