Electronic Components Datasheet Search
  English  ▼

X  

OPA2846 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 14Page - Texas Instruments OPA2846 Datasheet HTML 15Page - Texas Instruments OPA2846 Datasheet HTML 16Page - Texas Instruments OPA2846 Datasheet HTML 17Page - Texas Instruments OPA2846 Datasheet HTML 18Page - Texas Instruments OPA2846 Datasheet HTML 19Page - Texas Instruments OPA2846 Datasheet HTML 20Page - Texas Instruments OPA2846 Datasheet HTML 21Page - Texas Instruments OPA2846 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
18
−80
−85
−90
−95
−100
−105
−110
Frequency (MHz)
110
V
O =2VPP Differential
3rd−Harmonic, 0V
DC
3rd−Harmonic, +2.5V
DC
2nd−Harmonic, 0V
DC
2nd−Harmonic, +2.5V
DC
Figure 11. Harmonic Distortion for Figure 10
Figure 11 shows 2nd- and 3rd-harmonic distortion for a
2VPP differential output swing at both 0V output
common-mode voltage and +2.5V common-mode volt-
age. Since there is no DC current required from the output
to level shift to +2.5V in this circuit, no pull-up resistors to
the power supply were used as in the circuit of Figure 8.
The 2nd harmonic remains the dominant distortion
mechanism, but shows little sensitivity to the common-
mode operating voltage (improved 2nd-harmonic distor-
tion results were achieved with this circuit using two
individual OPA846’s with an extremely symmetrical
layout). The 3rd harmonic is essentially unmeasureable
for the ground-centered output swing, but increases as the
output is shifted to a +2.5V DC output. Narrowband
systems, where a bandpass filter less than an octave wide
can be inserted between the amplifier and the converter,
will only be concerned about 2-tone, 3rd-order inter-
modulation distortion. Since this bandpass filter is also
AC-coupled, the outputs of Figure 10 may be operated
ground-centered, giving the extremely low 3rd-order
distortions of Figure 11.
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
A PC board is available to assist in the initial evaluation of
circuit performance using the OPA2846. It is available free,
as an unpopulated PC board delivered with descriptive
documentation. The summary information for this board is
shown in Table 1.
Contact the Texas Instruments applications support line to
request this board or visit Texas Instruments’ web site at
www.ti.com.
PRODUCT
PACKAGE
BOARD PART
NUMBER
LITERATURE
REQUEST
NUMBER
OPA2846ID
SO-8 Surface-Mount
DEM-OPA268xU
SBOU003
Table 1. Evaluation Module Ordering Information
MACROMODELS AND APPLICATIONS
SUPPORT
Computer simulation of circuit performance using SPICE
is often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and
RF amplifier circuits where parasitic capacitance and
inductance can have a major effect on circuit performance.
A SPICE model for the OPA2846 is available through the
Texas Instruments web page (http://www.ti.com).
These models do a good job of predicting small-signal AC
and transient performance under a wide variety of
operating conditions. They do not do as well in predicting
the harmonic distortion characteristics.
OPERATING SUGGESTIONS
SETTING RESISTOR VALUES TO MINIMIZE
NOISE
The OPA2846 provides a very low input noise voltage
while requiring a low 12.6mA/channel quiescent current.
To take full advantage of this low input noise, careful
attention to the other possible noise contributors is
required. Figure 12 shows the op amp noise analysis
model with all the noise terms included. In this model, all
the noise terms are taken to be noise voltage or current
density terms in either nV/
√Hz or pA/√Hz.
4kT
R
G
R
G
R
F
R
S
1/2
OPA2846
I
BI
E
O
IBN
4kT = 1.6E
− 20J
at 290
_K
E
RS
E
NI
4kTR
S
√
4kTR
F
√
Figure 12. Op Amp Noise Analysis Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com