Electronic Components Datasheet Search
  English  ▼

X  

OPA2846 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 15Page - Texas Instruments OPA2846 Datasheet HTML 16Page - Texas Instruments OPA2846 Datasheet HTML 17Page - Texas Instruments OPA2846 Datasheet HTML 18Page - Texas Instruments OPA2846 Datasheet HTML 19Page - Texas Instruments OPA2846 Datasheet HTML 20Page - Texas Instruments OPA2846 Datasheet HTML 21Page - Texas Instruments OPA2846 Datasheet HTML 22Page - Texas Instruments OPA2846 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
19
The total output spot noise voltage can be computed as the
square root of the squared contributing terms to the output
noise voltage. This computation adds all the contributing
noise powers at the output by superposition, then takes the
square root to get back to a spot noise voltage.
Equation 11 shows the general form for this output noise
voltage using the terms shown in Figure 12.
E
O +
E2
NI ) IBNRS
2
) 4kTR
S NG
2
) I
BIRF
2
) 4kTR
FNG
Dividing
this
expression
by
the
noise
gain
(NG =1+RF/RG) will give the equivalent input-referred
spot noise voltage at the noninverting input as shown in
Equation 12.
E
N +
E2
NI ) IBNRS
2
) 4kTR
S )
I
BIRF
NG
2
)
4kTR
F
NG
Inserting high resistor values into Equation 12 can quickly
dominate the total equivalent input referred noise. A 105
Ω
source impedance on the noninverting input will add a
thermal voltage noise term equal to that of the amplifier
itself. As a simplifying constraint, set RG = RS in
Equation 12 and assume an RS/2 source impedance at
the noninverting input (where RS is the signal’s source
impedance with another matching RS to ground on the
noninverting input). This results in Equation 13, where
NG > 10 has been assumed to further simplify the
expression.
E
N
+
(E
NI)
2 ) 5
4
I
BRS
2 ) 4kT
3R
S
2
Evaluating this expression for RS = 50Ω will give a total
equivalent input noise of 1.64nV/
√Hz. Note that the NG
has dropped out of this expression. This is valid only for
NG > 10.
FREQUENCY RESPONSE CONTROL
Voltage-feedback op amps exhibit decreasing closed-loop
bandwidth as the signal gain is increased. In theory, this
relationship is described by the GBP shown in the
specifications. Ideally, dividing GBP by the noninverting
signal gain will predict the closed-loop bandwidth. In
practice, this only holds true when the phase margin
approaches 90
°, as it does in high gain configurations. At
low gains (with an increased feedback factor), most
high-speed amplifiers will exhibit a more complex
response with lower phase margin. The OPA2846 is
compensated
to
give
a
maximally-flat,
2nd-order,
Butterworth, closed-loop response at a noninverting gain
of +10 (see Figure 1). This results in a typical gain of +10
bandwidth of 300MHz, far exceeding that predicted by
dividing the 1650MHz GBP by 10. Increasing the gain will
cause the phase margin to approach 90
° and the
bandwidth to more closely approach the predicted value of
(GBP/NG). At a gain of +40, the OPA2846 will show the
41MHz bandwidth predicted using the simple formula and
the typical GBP of 1650MHz.
Inverting operation offers some interesting opportunities to
increase the available GBP. When the source impedance
is matched by the gain resistor (see Figure 2), the signal
gain is (1 + RF/RG) while the noise gain for bandwidth
purposes is (1 + RF/2RG). This cuts the noise gain almost
in half, increasing the minimum stable gain for inverting
operation under these condition to −12 and the equivalent
GBP to 3.2GHz.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an A/D converter, including
additional external capacitance which may be recom-
mended to improve ADC linearity. A high-speed, high
open-loop gain amplifier like the OPA2846 can be very
susceptible to decreased stability and closed-loop re-
sponse peaking when a capacitive load is placed directly
on the output pin. When the amplifier’s open-loop output
resistance is considered, this capacitive load introduces
an additional pole in the signal path that can decrease the
phase margin. Several external solutions to this problem
have been suggested. When the primary considerations
are frequency response flatness, pulse response fidelity,
and/or distortion, the simplest and most effective solution
is to isolate the capacitive load from the feedback loop by
inserting a series isolation resistor between the amplifier
output and the capacitive load. This does not eliminate the
pole from the loop response, but rather shifts it and adds
a zero at a higher frequency. The additional zero acts to
cancel the phase lag from the capacitive load pole, thus
increasing the phase margin and improving stability.
The Typical Characteristics show the recommended RS vs
Capacitive Load and the resulting frequency response at
the load. Parasitic capacitive loads greater than 2pF can
begin to degrade the performance of the OPA2846. Long
PC board traces, unmatched cables, and connections to
multiple devices can easily cause this value to be
exceeded. Always consider this effect carefully, and add
the recommended series resistor as close as possible to
the OPA2846 output pin (see the Board Layout section).
The criterion for setting this RS resistor is a maximum
bandwidth, flat frequency response at the load. For the
OPA2846 operating in a gain of +10, the frequency
response at the output pin is very flat to begin with,
allowing relatively small values of RS to be used for low
capacitive loads. As the signal gain is increased, the
unloaded phase margin will also increase. Driving
capacitive loads at higher gains will require lower RS
values than those shown for a gain of +10.
(11)
(12)
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com