Electronic Components Datasheet Search
  English  ▼

X  

OPA2846 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments OPA2846 Datasheet HTML 10Page - Texas Instruments OPA2846 Datasheet HTML 11Page - Texas Instruments OPA2846 Datasheet HTML 12Page - Texas Instruments OPA2846 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
9
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
0.25
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
−0.25
SETTLING TIME
Time (ns)
0
5
10
15
20
25
G= +10V/V
R
L = 100Ω
V
O =2V Step
SeeFigure1
0.25
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
−0.25
25
20
15
10
5
0
−5
−10
−15
−20
−25
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
_C)
−50
−25
0
25
50
75
100
125
100 x I
OS
V
IO
I
b
6
4
2
0
−2
−4
−6
COMMON−MODE INPUT RANGE AND OUTPUT SWING
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
2.5
3.5
3.0
4.5
4.0
5.5
5.0
6.0
+V
IN
−V
IN
+V
OUT
−V
OUT
83
80
77
74
71
68
65
62
PHOTODIODE TRANSIMPEDANCE
FREQUENCY RESPONSE
Frequency (MHz)
110
100
C
D = 100pF
R
F =10kΩ
C
F Adjusted
C
D = 50pF
C
D = 20pF
C
D =10pF
SeeFigure4
20 log(10k
Ω)
150
140
130
120
110
100
90
80
70
20
18
16
14
12
10
8
6
4
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
_C)
−50
−25
0
25
50
75
100
125
Sourcing Output Current
Supply Current
Sinking Output Current
107
106
105
104
103
102
COMMON−MODE AND DIFFERENTIAL
INPUT IMPEDANCE
Frequency (Hz)
102
104
105
103
106
107
108
Common−Mode
Differential
4.7M
Ω
6.6k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com